Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1554P-100 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1554P-100
Description  256K NV Y2KC Timekeeping RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1554P-100 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1554P-100 Datasheet HTML 5Page - Dallas Semiconductor DS1554P-100 Datasheet HTML 6Page - Dallas Semiconductor DS1554P-100 Datasheet HTML 7Page - Dallas Semiconductor DS1554P-100 Datasheet HTML 8Page - Dallas Semiconductor DS1554P-100 Datasheet HTML 9Page - Dallas Semiconductor DS1554P-100 Datasheet HTML 10Page - Dallas Semiconductor DS1554P-100 Datasheet HTML 11Page - Dallas Semiconductor DS1554P-100 Datasheet HTML 12Page - Dallas Semiconductor DS1554P-100 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DS1554
9 of 21
The IRQ /FT pin can also be activated in the battery backed mode. The IRQ /FT will go low if an alarm
occurs and both ABE and AE are set. The ABE and AE bits are cleared during the power-up transition,
however an alarm generated during power-up will set AF. Therefore the AF bit can be read after system
power-up to determine if an alarm was generated during the power-up sequence. Figure 4 illustrates alarm
timing during the battery back-up mode and power-up states.
BACK-UP MODE ALARM WAVEFORMS Figure 4
USING THE WATCHDOG TIMER
The watchdog timer can be used to detect an out-of-control processor. The user programs the watchdog
timer by setting the desired amount of time-out into the 8-bit Watchdog Register (Address 7FF7h). The
five Watchdog Register bits BMB4-BMB0 store a binary multiplier and the two lower order bits RB1-
RB0 select the resolution, where 00=1/16 second, 01=1/4 second, 10=1 second, and 11=4 seconds. The
watchdog time-out value is then determined by the multiplication of the 5-bit multiplier value with the 2-
bit resolution value. (For example: writing 00001110 in the Watchdog Register = 3 X 1 second or 3
seconds.) If the processor does not reset the timer within the specified period, the Watchdog Flag (WF) is
set and a processor interrupt is generated and stays active until either the Watchdog Flag (WF) is read or
the Watchdog Register (7FF7) is read or written.
The most significant bit of the Watchdog Register is the Watchdog Steering Bit (WDS). When set to a 0,
the watchdog will activate the IRQ /FT output when the watchdog times out.
When WDS is set to a 1, the watchdog will output a negative pulse on the RST output for a duration of
40 ms to 200 ms. The Watchdog Register (7FF7) and the FT bit will reset to a 0 at the end of a watchdog
time-out when the WDS bit is set to a 1.
The watchdog timer resets when the processor performs a read or write of the Watchdog Register. The
time-out period then starts over. The watchdog timer is disabled by writing a value of 00h to the
Watchdog Register. The watchdog function is automatically disabled upon power-up and the Watchdog
Register is cleared. If the watchdog function is set to output to the IRQ /FT output and the frequency test
function is activated, the watchdog function prevails and the frequency test function is denied.


Similar Part No. - DS1554P-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1554P/YP/WP MAXIM-DS1554P/YP/WP Datasheet
114Kb / 5P
   PowerCap with Crystal
Rev 10/10
More results

Similar Description - DS1554P-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1557 DALLAS-DS1557 Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS1743 DALLAS-DS1743 Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
Dallas Semiconductor
DS1742 DALLAS-DS1742 Datasheet
163Kb / 12P
   Y2KC Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1543 DALLAS-DS1543 Datasheet
199Kb / 17P
   64k NV Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com