Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1602 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1602
Description  Elapsed Time Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1602 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1602 Datasheet HTML 2Page - Dallas Semiconductor DS1602 Datasheet HTML 3Page - Dallas Semiconductor DS1602 Datasheet HTML 4Page - Dallas Semiconductor DS1602 Datasheet HTML 5Page - Dallas Semiconductor DS1602 Datasheet HTML 6Page - Dallas Semiconductor DS1602 Datasheet HTML 7Page - Dallas Semiconductor DS1602 Datasheet HTML 8Page - Dallas Semiconductor DS1602 Datasheet HTML 9Page - Dallas Semiconductor DS1602 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS1602
7 of 10
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.3V to +7.0V
Operating Temperature
–40
°C to +85°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
1
Battery Supply Voltage
VBAT
2.5
3.0
3.5
V
1
Logic 1 Input
VIH
2.0
VCC+0.3
V
1
Logic 0 Input
VIL
-0.3
0.8
V
1
DC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCC = 5V ±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
-1
+1
µA
I/O Leakage
ILO
-1
+1
µA
Logic 1 Output
VOH
2.4
V
2
Logic 0 Output
VOL
0.4
V
3
Active Supply Current
ICC
1
mA
4
Timekeeping Current
ICC1
50
µA
5
Timekeeping Current
IBAT
400
nA
6
Leakage Current
IBATL
100
nA
11
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
5
pF
I/O Capacitance
CI/O
10
pF
Crystal Capacitance
CX
6
pF
10


Similar Part No. - DS1602

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
More results

Similar Description - DS1602

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
Dallas Semiconductor
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
   Elapsed Time Counter Module
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
   Elapsed Time Counter Module
093002
logo
Dallas Semiconductor
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
   Parallel-Interface Elapsed Time Counter
logo
AMI SEMICONDUCTOR
AMIS-70020 AMI-AMIS-70020 Datasheet
331Kb / 7P
   Power Failure Elapsed Time Counter
logo
Maxim Integrated Produc...
DS1318 MAXIM-DS1318_10 Datasheet
242Kb / 15P
   Parallel-Interface Elapsed Time Counter
Rev 1; 12/10
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
   Total Elapsed Time Recorder with Alarm
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com