Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-27CG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-27CG
Description  Geophone Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-27CG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-27CG Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Geophone Clip
• Crimp or screw connection
• Jaw opens 0.625” (16 mm) max ; curved jaws clip on to seismograph
rings
• Material: solid copper ; Spring: steel
• Length: 2.4” (61.1mm)
• Rating: 40 Amps
• RoHS Compliant
Part Number:
BU-27CG/BU-27CGW
Description:
Geophone Clip
3107


Similar Part No. - BU-27CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-27C ETC2-BU-27C Datasheet
132Kb / 1P
   General Purpose Clip
More results

Similar Description - BU-27CG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1105300-2 MACOM-2-1105300-2 Datasheet
88Kb / 1P
   CLIP
logo
Pomona Electronics
5514 POMONA-5514 Datasheet
21Kb / 1P
   SOIC Clip Test Clip Kit
logo
Tyco Electronics
2-1105300-1 MACOM-2-1105300-1 Datasheet
88Kb / 1P
   CLIP
logo
Pomona Electronics
6108 POMONA-6108 Datasheet
38Kb / 1P
   40 In. SOIC Clip Test Clip
6109 POMONA-6109 Datasheet
38Kb / 1P
   44 Pin SOIC Clip Test Clip
5413 POMONA-5413 Datasheet
25Kb / 1P
   14 Pin SOIC Clip Test Clip
6107 POMONA-6107 Datasheet
39Kb / 1P
   32 Pin SOIC Clip Test Clip
logo
List of Unclassifed Man...
BU-25 ETC2-BU-25 Datasheet
55Kb / 1P
   Automotive Clip
BU-60 ETC2-BU-60 Datasheet
518Kb / 1P
   Alligator Clip
BU-75K ETC2-BU-75K Datasheet
50Kb / 1P
   Kelvin Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com