Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1350YP-70-IND Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1350YP-70-IND
Description  4096k Nonvolatile SRAM with Battery Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1350YP-70-IND Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1350YP-70-IND Datasheet HTML 4Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 5Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 6Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 7Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 8Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 9Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 10Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 11Page - Dallas Semiconductor DS1350YP-70-IND Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS1350Y/AB
10 of 12
DS1350Y/AB NONVOLATILE SRAM, 34-PIN POWERCAP MODULE
INCHES
PKG
DIM
MIN
NOM
MAX
A
0.920
0.925
0.930
B
0.980
0.985
0.990
C
-
-
0.080
D
0.052
0.055
0.058
E
0.048
0.050
0.052
F
0.015
0.020
0.025
G
0.020
0.025
0.030


Similar Part No. - DS1350YP-70-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1350YP-70++ MAXIM-DS1350YP-70+ Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
DS1350YP-70IND++ MAXIM-DS1350YP-70IND+ Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
More results

Similar Description - DS1350YP-70-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
   3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
logo
Dallas Semiconductor
DS1350W DALLAS-DS1350W Datasheet
107Kb / 11P
   3.3V 4096K Nonvolatile SRAM with Battery Monitor
DS1250Y DALLAS-DS1250Y Datasheet
217Kb / 11P
   4096k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250Y-70IND MAXIM-DS1250Y-70IND Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
Rev 12/10
DS1250YL MAXIM-DS1250YL Datasheet
323Kb / 9P
   4096K Nonvolatile SRAM
022598
DS1250AB MAXIM-DS1250AB Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
DS1345BL DALLAS-DS1345BL Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com