Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1395S Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1395S
Description  RAMified Real Time Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1395S Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1395S Datasheet HTML 3Page - Dallas Semiconductor DS1395S Datasheet HTML 4Page - Dallas Semiconductor DS1395S Datasheet HTML 5Page - Dallas Semiconductor DS1395S Datasheet HTML 6Page - Dallas Semiconductor DS1395S Datasheet HTML 7Page - Dallas Semiconductor DS1395S Datasheet HTML 8Page - Dallas Semiconductor DS1395S Datasheet HTML 9Page - Dallas Semiconductor DS1395S Datasheet HTML 10Page - Dallas Semiconductor DS1395S Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DS1395/DS1397
020794 7/19
TIME, CALENDAR AND ALARM DATA MODES Table 1
ADDRESS
FUNCTION
DECIMAL
RANGE
ADDRESS
LOCATION
FUNCTION
DECIMAL
RANGE
BINARY DATA MODE
BCD DATA MODE
0
Seconds
0-59
00-3B
00-59
1
Seconds Alarm
0-59
00-3B
00-59
2
Minutes
0-59
00-3B
00-59
3
Minutes Alarm
0-59
00-3B
00-59
4
Hours-12-hr Mode
1-12
01-0C AM, 81-8C PM
01-12AM,81-92PM
Hours-24-hr Mode
0-23
00-17
00-23
5
Hours Alarm-12-hr
1-12
01-0C AM, 81-8C PM
01-12AM,81-92PM
Hours Alarm-24-hr
0-23
00-17
00-23
6
Day of the Week
Sunday = 1
1-7
01-07
01-07
7
Date of the Month
1-31
01-1F
01-31
8
Month
1-12
01-0C
01-12
9
Year
0-99
00-63
00-99
USER NONVOLATILE RAM - RTC
The 50 user nonvolatile RAM bytes are not dedicated to
any special function within the DS1395/DS1397. They
can be used by the application program as nonvolatile
memory and are fully available during the update cycle.
This memory is directly accessible in the RTC section.
INTERRUPTS
The RTC plus RAM includes three separate, fully auto-
matic sources of interrupt for a processor. The alarm in-
terrupt can be programmed to occur at rates from once
per second to once per day. The periodic interrupt can
be selected for rates from 500 ms to 122
µs. The up-
date-ended interrupt can be used to indicate to the pro-
gram that an update cycle is complete. Each of these
independent interrupt conditions is described in greater
detail in other sections of this text.
The application program can select which interrupts, if
any, are going to be used. Three bits in Register B en-
able the interrupts. Writing a logic 1 to an interrupt-en-
able bit permits that interrupt to be initiated when the
event occurs. A logic 0 in an interrupt-enable bit prohib-
its the IRQ pin from being asserted from that interrupt
condition. If an interrupt flag is already set when an in-
terrupt is enabled, IRQ is immediately set at an active
level, although the interrupt initiating the event may
have occurred much earlier. As a result, there are cases
where the program should clear such earlier initiated in-
terrupts before first enabling new interrupts.
When an interrupt event occurs, the relating flag bit is
set to logic 1 in Register C. These flag bits are set inde-
pendent of the state of the corresponding enable bit in
Register B. The flag bit can be used in a polling mode
without enabling the corresponding enable bits. When a
flag is set, an indication is given to software that an inter-
rupt event has occurred since the flag bit was last read.
However, care should be taken when using the flag bits
as they are cleared each time Register C is read.
Double latching is included with Register C so that bits
which are set remain stable throughout the read cycle.
All bits which are set (high) are cleared when read and
new interrupts which are pending during the read cycle
are held until after the cycle is completed. One, two, or
three bits can be set when reading Register C. Each uti-
lized flag bit should be examined when read to ensure
that no interrupts are lost.
The alternative flag bit usage method is with fully en-
abled interrupts. When an interrupt flag bit is set and the
corresponding interrupt enable bit is also set, the IRQ
pin is asserted low. IRQ is asserted as long as at least
one of the three interrupt sources has its flag and enable
bits both set. The IRQF bit in Register C is a one when-
ever the IRQ pin is being driven low. Determination that


Similar Part No. - DS1395S

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS139 LUMILEDS-DS139 Datasheet
2Mb / 18P
   Unsurpassed light quality and CBCP due to small LES
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390 Datasheet
380Kb / 25P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
DS1390 MAXIM-DS1390 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS1390-DS1393 MAXIM-DS1390-DS1393 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
More results

Similar Description - DS1395S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1495 DALLAS-DS1495 Datasheet
193Kb / 19P
   RAMified Real Time Clock
DS1385 DALLAS-DS1385 Datasheet
142Kb / 20P
   RAMified Real Time Clock 4K x 8
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com