Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN15502 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN15502
Description  154.9MHz SAW Filter 8MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN15502 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN15502 Datasheet HTML 1Page - SIPAT Co,Ltd LBN15502 Datasheet HTML 2Page - SIPAT Co,Ltd LBN15502 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN15502
Rev. Date
2010-07-21
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
154.9MHz SAW Filter
8MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN15502
Typical Performance
Frequency Response
Passband Response
130
135
140
145
150
155
160
165
170
175
-113.7213
-103.7213
-93.7213
-83.7213
-73.7213
-63.7213
-53.7213
-43.7213
-33.7213
-23.7213
-13.7213
Type Performance
Frequency(MHz)
146
148
150
152
154
156
158
160
162
164
-26.2213
-25.7213
-25.2213
-24.7213
-24.2213
-23.7213
-23.2213
-22.7213
-22.2213
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±4MHz)
Phase Linearity(f0±4MHz)
150
152
154
156
158
160
2200
2400
2600
2800
3000
3200
3400
3600
3800
4000
X: 154.9
Y: 3140
Type Performance
Frequency(MHz)
X: 158.9
Y: 3107
X: 150.9
Y: 2983
150
152
154
156
158
160
-100
-80
-60
-40
-20
0
20
40
60
80
X: 158.9
Y: 15.92
Type Performance
Frequency(MHz)
X: 150.9
Y: 4.07
X: 154.9
Y: -7.384
Horizontal: 2MHz/Div
Vertical: 200ns/Div
Horizontal: 2MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN15502

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN15502 SIPAT-LBN15502 Datasheet
185Kb / 3P
   154.9MHz SAW Filter 8MHz Bandwidth
More results

Similar Description - LBN15502

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN15502 SIPAT-LBN15502 Datasheet
185Kb / 3P
   154.9MHz SAW Filter 8MHz Bandwidth
LBS15503 SIPAT-LBS15503 Datasheet
140Kb / 3P
   154.9MHz SAW Filter 4MHz Bandwidth
LBS15503 SIPAT-LBS15503 Datasheet
140Kb / 3P
   154.9MHz SAW Filter 4MHz Bandwidth
LBT34003 SIPAT-LBT34003 Datasheet
160Kb / 3P
   340MHz SAW Filter 8MHz Bandwidth
LBT25003 SIPAT-LBT25003 Datasheet
149Kb / 3P
   250MHz SAW Filter 8MHz Bandwidth
LBN07403 SIPAT-LBN07403 Datasheet
274Kb / 3P
   74MHz SAW Filter 8MHz Bandwidth
LBN03602 SIPAT-LBN03602 Datasheet
138Kb / 3P
   36.15MHz SAW Filter 8MHz Bandwidth
LBT11801 SIPAT-LBT11801 Datasheet
140Kb / 3P
   117.9MHz SAW Filter 8MHz Bandwidth
LBT46901 SIPAT-LBT46901 Datasheet
189Kb / 3P
   470.4MHz SAW Filter 8MHz Bandwidth
LBS140A21 SIPAT-LBS140A21 Datasheet
153Kb / 3P
   140MHz SAW Filter 8MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com