Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1384 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1384
Description  Watchdog Timekeeping Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1384 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1384 Datasheet HTML 1Page - Dallas Semiconductor DS1384 Datasheet HTML 2Page - Dallas Semiconductor DS1384 Datasheet HTML 3Page - Dallas Semiconductor DS1384 Datasheet HTML 4Page - Dallas Semiconductor DS1384 Datasheet HTML 5Page - Dallas Semiconductor DS1384 Datasheet HTML 6Page - Dallas Semiconductor DS1384 Datasheet HTML 7Page - Dallas Semiconductor DS1384 Datasheet HTML 8Page - Dallas Semiconductor DS1384 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS1384
4 of 17
For more information on crystal selection and crystal layout considerations, please consult Application
Note 58, “Crystal Considerations with Dallas Real Time Clocks.”
SQW - Square Wave (output): This pin can be programmed to output a 1024 Hz square wave signal.
When the signal is turned off, the pin is high Z.
PFO
- Power Fail Signal (output; active low when VWP occurs): High state occurs tREC after power-up and
VCC >4.5 volts.
ADDRESS DECODING
The DS1384 accommodates 17 address lines, which allows direct connection of up to 128k bytes of static
RAM. The lower 14 bytes of RAM, regardless of the density used, will always contain the timekeeping,
alarm, and watchdog registers. The 14 clock registers reside in the lower 14 RAM locations without
conflict by inhibiting the OER (output enable RAM) signal during clock access. Since the watchdog
timekeeping chip actually contains 64 registers (14 RTC and 50 user RAM), the lower 64 bytes of any
attached memory resides within the DS1384. However, the RAM’s physical location is transparent to the
user and the memory map looks continuous from the first clock address to the upper most attached RAM
address.
OPERATION - READ CYCLE
The DS1384 executes a read cycle whenever WE is inactive (high) and CE and OE are active (low). The
unique address specified by the address inputs (A0-A16) defines which of the on-chip 64 RTC/RAM or
external SRAM locations is to be accessed. When the address value presented to the DS1384 is in the
range of 00000H through 0003FH, one of the 64 on-chip registers will be selected and valid data will be
available to the eight data output drivers within tACC (access time) after the address input signal is stable,
providing that the CE and OE access times are also satisfied. If they are not, then data access must be
measured from the latter occurring signal ( CE or OE ) and the limiting parameter is either tCO for CE or
tOE for OE rather than the address access time. When one of the on-chip registers is selected for read, the
OER
signal will remain inactive throughout the read cycle.
When the address value presented to the DS1384 is in the range of 00040H through 1FFFFH, an external
SRAM location will be selected. In this case the OE signal will be passed to the OER pin, with the
specified delay times of tAOEL or tOERL.
OPERATION - WRITE CYCLE
The DS1384 is in the write mode whenever the WE (Write Enable) and CE (Chip Enable) signals are in
the active (low) state after the address inputs are stable. The latter occurring falling edge of CE or WE
will determine the start of the write cycle. The write cycle is terminated by the earlier rising edge of CE
or WE . All address inputs must be kept valid throughout the write cycle. WE must return to the high state
for a minimum recovery state (tWR) before another cycle can be initiated. Data must be valid on the data
bus with sufficient Data Set Up (tDS) and Data Hold Time (tDH) with respect to the earlier rising edge of
CE
or WE . The OE control signal should be kept inactive (high) during write cycles to avoid bus
contention. However, if the output bus has been enabled ( CE and OE active), then WE will disable the
outputs in tWEZ from its falling edge.


Similar Part No. - DS1384

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
DS1384FP MAXIM-DS1384FP Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
DS1384FP-12 MAXIM-DS1384FP-12 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
DS1384FP-12++ MAXIM-DS1384FP-12+ Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
More results

Similar Description - DS1384

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Intersil Corporation
ICM7245B INTERSIL-ICM7245B Datasheet
2Mb / 99P
   TIMEKEEPING DTMF CIRCUITS
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com