Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1350WP-150-IND Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1350WP-150-IND
Description  3.3V 4096K Nonvolatile SRAM with Battery Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1350WP-150-IND Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1350WP-150-IND Datasheet HTML 3Page - Dallas Semiconductor DS1350WP-150-IND Datasheet HTML 4Page - Dallas Semiconductor DS1350WP-150-IND Datasheet HTML 5Page - Dallas Semiconductor DS1350WP-150-IND Datasheet HTML 6Page - Dallas Semiconductor DS1350WP-150-IND Datasheet HTML 7Page - Dallas Semiconductor DS1350WP-150-IND Datasheet HTML 8Page - Dallas Semiconductor DS1350WP-150-IND Datasheet HTML 9Page - Dallas Semiconductor DS1350WP-150-IND Datasheet HTML 10Page - Dallas Semiconductor DS1350WP-150-IND Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DS1350W
022598 9/11
DS1350W NONVOLATILE SRAM, 34–PIN POWERCAP MODULE
PKG
DIM
INCHES
MIN
NOM
MAX
A
0.920
0.925
0.930
B
0.980
0.985
0.990
C
0.080
D
0.052
0.055
0.058
E
0.048
0.050
0.052
F
0.015
0.020
0.025
G
0.020
0.025
0.030
TOP VIEW
SIDE VIEW
BOTTOM VIEW: REFERENCE ONLY
COMPONENTS AND PLACEMENTS
MAY DIFFER FROM THOSE SHOWN


Similar Part No. - DS1350WP-150-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
   3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
More results

Similar Description - DS1350WP-150-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
   3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
logo
Dallas Semiconductor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1250W DALLAS-DS1250W Datasheet
217Kb / 11P
   3.3V 4096k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
DS1330W MAXIM-DS1330W Datasheet
224Kb / 10P
   3.3V 256k Nonvolatile SRAM with Battery Monitor
19-5590; Rev 10/10
logo
Dallas Semiconductor
DS1330W DALLAS-DS1330W Datasheet
107Kb / 11P
   3.3V 256K Nonvolatile SRAM with Battery Monitor
DS1345W DALLAS-DS1345W Datasheet
249Kb / 12P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com