Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1230YP-120-IND Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1230YP-120-IND
Description  256k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230YP-120-IND Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1230YP-120-IND Datasheet HTML 4Page - Dallas Semiconductor DS1230YP-120-IND Datasheet HTML 5Page - Dallas Semiconductor DS1230YP-120-IND Datasheet HTML 6Page - Dallas Semiconductor DS1230YP-120-IND Datasheet HTML 7Page - Dallas Semiconductor DS1230YP-120-IND Datasheet HTML 8Page - Dallas Semiconductor DS1230YP-120-IND Datasheet HTML 9Page - Dallas Semiconductor DS1230YP-120-IND Datasheet HTML 10Page - Dallas Semiconductor DS1230YP-120-IND Datasheet HTML 11Page - Dallas Semiconductor DS1230YP-120-IND Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS1230Y/AB
8 of 12
POWER-DOWN/POWER-UP TIMING
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE, at VIH before Power-Down
tPD
0
µs
11
VCC slew from VTP to 0V ( CE at VIH)
tF
300
µs
VCC slew from 0V to VTP ( CE at VIH)
tR
300
µs
CE
at VIH after Power-Up
tREC
2
125
ms
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Expected Data Retention Time
tDR
10
years
9
WARNING:
Under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery
backup mode.
NOTES:
1.
WE
is high for a Read Cycle.
2. OE = VIH or VIL. If OE = VIH during write cycle, the output buffers remain in a high-impedance state.
3. tWP is specified as the logical AND of CE and WE . tWP is measured from the latter of CE or WE
going low to the earlier of CE or WE going high.
4. tDH, tDS are measured from the earlier of CE or WE going high.
5. These parameters are sampled with a 5 pF load and are not 100% tested.
6. If the CE low transition occurs simultaneously with or latter than the WE low transition, the output
buffers remain in a high-impedance state during this period.
7. If the CE high transition occurs prior to or simultaneously with the WE high transition, the output
buffers remain in high-impedance state during this period.
8. If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition,
the output buffers remain in a high-impedance state during this period.
9. Each DS1230Y has a built-in switch that disconnects the lithium source until VCC is first applied by
the user. The expected tDR is defined as accumulative time in the absence of VCC starting from the
time power is first applied by the user.
10. All AC and DC electrical characteristics are valid over the full operating temperature range. For
commercial products, this range is 0
°C to 70°C. For industrial products (IND), this range is -40°C to
+85
°C.
11. In a power-down condition the voltage on any pin may not exceed the voltage on VCC.
12. tWR1 and tDH1 are measured from WE going high.
13. tWR2 and tDH2 are measured from CE going high.
14. DS1230 DIP modules are recognized by Underwriters Laboratory (U.L.
) under file E99151.
DS1230 PowerCap modules are pending U.L. review. Contact the factory for status.


Similar Part No. - DS1230YP-120-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230YP-70++ MAXIM-DS1230YP-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230YP-70++ MAXIM-DS1230YP-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230YP-70IND++ MAXIM-DS1230YP-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230YP-70IND++ MAXIM-DS1230YP-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
More results

Similar Description - DS1230YP-120-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230Y-120 MAXIM-DS1230Y-120 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
logo
Dallas Semiconductor
DS1230Y DALLAS-DS1230Y_10 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com