Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHP650U Datasheet(PDF) 6 Page - Newhaven Display International, Inc.

Part # XHP650U
Description  XH CONNECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

XHP650U Datasheet(HTML) 6 Page - Newhaven Display International, Inc.

  XHP650U Datasheet HTML 1Page - Newhaven Display International, Inc. XHP650U Datasheet HTML 2Page - Newhaven Display International, Inc. XHP650U Datasheet HTML 3Page - Newhaven Display International, Inc. XHP650U Datasheet HTML 4Page - Newhaven Display International, Inc. XHP650U Datasheet HTML 5Page - Newhaven Display International, Inc. XHP650U Datasheet HTML 6Page - Newhaven Display International, Inc. XHP650U Datasheet HTML 7Page - Newhaven Display International, Inc. XHP650U Datasheet HTML 8Page - Newhaven Display International, Inc. XHP650U Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
100
XH CONNECTOR
2 and 3 circuits: 12.7(.500)
4 to 8 circuits: 25.4(1.000)
12.7(.500)
4.0(.157)dia.
6.75(.266)
2 circuits: 5.1(.201)
3 to 8circuits: 3.85(.152)
2 circuits: 2.5(.098)
3 to 8circuits: 5.0(.197)
Note: Conforms to JIS C 0806.
Taping specification of through-hole type shrouded header ––––––––––––––––––––––
Through-hole type shrouded header on radial-tape –––––––––––––––––––––––––––––
7.4(.291)
0.64
(.025)
2.45
(.096)
6.75(.266)
[0.7(.028)dia.]
2.5
(.098)
2.5
(.098)
B
A
2.45
(.096)
0.64
(.025)
6.75(.266)
[0.7(.028)dia.]
B
A
2.45
(.096)
2.5
(.098)
0.64
(.025)
[0.7(.028)dia.]
6.75(.266)
Circuits
Model No.
2
3
4
5
6
7
8
B3B-XH-TV4
B4B-XH-TV4
5.0(.197)
7.5(.295)
10.0(.394)
12.5(.492)
15.0(.591)
17.5(.689)
9.9(.390)
12.4(.488)
14.9(.587)
17.4(.685)
19.9(.783)
22.4(.882)
Material and Finish
Post: Copper alloy, copper-undercoated, tin/lead-plated
Wafer: TV4 type/ Nylon 66, UL94V-0
2-TV4 type/ Glass-filled nylon 66, UL94V-0
B
A
Dimensions mm(in.)
AB
B2B-XH-2-TV4
B3B-XH-2-TV4
B4B-XH-2-TV4
B5B-XH-2-TV4
B6B-XH-2-TV4
B7B-XH-2-TV4
B8B-XH-2-TV4
Q'ty / box
1,000
1,000
500
500
500
500
500
TV4 type
2-TV4 type
2-TV4 type
(3 to 4 circuits)
(3 to 8 circuits)
(2 circuits)
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-XH-2-TV4-oo-
(blank)…natural (ivory)
C…black (glass-filled) BK…black R…red E…blue Y…yellow
M…green


Similar Part No. - XHP650U

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
XHP-1 JST-XHP-1 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-1 JST-XHP-1 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
XHP-10 JST-XHP-10 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
XHP-10 JST-XHP-10 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
XHP-11 JST-XHP-11 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - XHP650U

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
JSTB8B-XH-A NEWHAVEN-JSTB8B-XH-A Datasheet
229Kb / 9P
   XH CONNECTOR
logo
List of Unclassifed Man...
XH414H-II06E ETC2-XH414H-II06E Datasheet
328Kb / 22P
   Reflowable XH Capacitor
logo
Cree, Inc
XH-G CREE-XH-G Datasheet
1Mb / 12P
   XLamp XH-G LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
CLD-DS71 CREE-CLD-DS71 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-G LED
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
CLD-DS70 CREE-CLD-DS70 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-B LED
logo
Ralston Instruments.
QTHP-0022 RALSTON-QTHP-0022 Datasheet
268Kb / 1P
   HP, XH fixed handle assembly, rivets
QTHP-GASK RALSTON-QTHP-GASK Datasheet
305Kb / 1P
   1) HP, XH liquid reservoir gasket
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com