Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA695 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA695 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA695 Datasheet HTML 2Page - Texas Instruments OPA695 Datasheet HTML 3Page - Texas Instruments OPA695 Datasheet HTML 4Page - Texas Instruments OPA695 Datasheet HTML 5Page - Texas Instruments OPA695 Datasheet HTML 6Page - Texas Instruments OPA695 Datasheet HTML 7Page - Texas Instruments OPA695 Datasheet HTML 8Page - Texas Instruments OPA695 Datasheet HTML 9Page - Texas Instruments OPA695 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
6
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted
HARMONIC DISTORTION
vs LOAD RESISTANCE
100
−65
−70
−75
−80
−85
−90
−95
1000
Resistance (
Ω )
G= +2V/V
f= 5MHz
VO =2VPP
3rd Harmonic
2nd Harmonic
See Figure 1
HARMONIC DISTORTION
vs SUPPLY VOLTAGE
2.5
3.0
3.5
4.0
4.5
5.0
5.5
−65
−70
−75
−80
−85
−90
−95
6.0
Supply Voltage (
±VS)
G= +2V/V
f= 5MHz
VO =2VPP
RL =100Ω
3rd Harmonic
2nd Harmonic
See Figure 1
HARMONIC DISTORTION
vs FREQUENCY
0.1
1
−65
−70
−75
−80
−85
−90
−95
10
Frequency (MHz)
G= +2V/V
RL =100Ω
VO =2VPP
3rd Harmonic
2nd Harmonic
See Figure 1
5MHz HARMONIC DISTORTION
vs OUTPUT VOLTAGE
0.1
1
−65
−70
−75
−80
−85
−90
−95
10
Output Voltage Swing (VPP)
G= +2V/V
RL =100Ω
f= 5MHz
3rd Harmonic
2nd Harmonic
See Figure 1
HARMONIC DISTORTION
vs NONINVERTING GAIN
1
−60
−65
−70
−75
−80
−85
−90
10
Gain (V/V)
3rd Harmonic
2nd Harmonic
SeeFigure1
RL = 100Ω
f= 5MHz
VO =2VPP
HARMONIC DISTORTION
vs INVERTING GAIN
1
−60
−65
−70
−75
−80
−85
−90
10
Gain (|V/V|)
RL =100Ω
f= 5MHz
VO =2VPP
3rd Harmonic
2nd Harmonic
See Figure 2


Similar Part No. - OPA695

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA695 BURR-BROWN-OPA695 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA695 BURR-BROWN-OPA695 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA695 BURR-BROWN-OPA695 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA695 TI1-OPA695 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA695

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com