Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1337 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1337
Description  Serial Real-Time Clock
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1337 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1337 Datasheet HTML 1Page - Dallas Semiconductor DS1337 Datasheet HTML 2Page - Dallas Semiconductor DS1337 Datasheet HTML 3Page - Dallas Semiconductor DS1337 Datasheet HTML 4Page - Dallas Semiconductor DS1337 Datasheet HTML 5Page - Dallas Semiconductor DS1337 Datasheet HTML 6Page - Dallas Semiconductor DS1337 Datasheet HTML 7Page - Dallas Semiconductor DS1337 Datasheet HTML 8Page - Dallas Semiconductor DS1337 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS1337
5 of 16
TYPICAL OPERATING CHARACTERISTICS
(VCC = 3.3V, TA = +25∞ C, unless otherwise noted.)
OSCILLATOR FREQUENCY vs. VCC
VBACKUP (V)
4.3
3.8
3.3
2.8
2.3
1.8
32767.50
32767.55
32767.60
32767.65
32767.70
32767.75
32767.45
1.3
4.8
VCC = 0V
ICCA vs. VCC
(SQUARE-WAVE ON)
VCC (V)
4.8
4.3
3.3
3.8
2.8
2.3
75
100
125
150
175
200
225
250
275
50
1.8
5.3
IOSC VS. TEMPERATURE
(SQUARE-WAVE OFF)
TEMPERATURE ( C)
80
60
40
20
0
-20
400
375
425
450
475
350
-40
VCC = 3.0V
400
450
500
550
600
650
700
750
800
850
350
IOSC VS. VCC
(SQUARE-WAVE ON)
VBAT (V)
4.8
4.3
3.8
3.3
2.3
1.8
1.3
IOSC VS. VCC
(SQUARE-WAVE OFF)
VBAT (V)
4.8
4.3
3.8
3.3
2.3
1.8
350
400
450
500
300
1.3


Similar Part No. - DS1337

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1337 MAXIM-DS1337 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337++ MAXIM-DS1337+ Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1337++ MAXIM-DS1337+ Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337C MAXIM-DS1337C Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
More results

Similar Description - DS1337

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
   Serial real-time clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
   SERIAL REAL-TIME CLOCK
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
   SERIAL REAL-TIME CLOCK
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
   Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com