Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2694ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2694ID
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2694ID Datasheet(HTML) 4 Page - Texas Instruments

  OPA2694ID Datasheet HTML 1Page - Texas Instruments OPA2694ID Datasheet HTML 2Page - Texas Instruments OPA2694ID Datasheet HTML 3Page - Texas Instruments OPA2694ID Datasheet HTML 4Page - Texas Instruments OPA2694ID Datasheet HTML 5Page - Texas Instruments OPA2694ID Datasheet HTML 6Page - Texas Instruments OPA2694ID Datasheet HTML 7Page - Texas Instruments OPA2694ID Datasheet HTML 8Page - Texas Instruments OPA2694ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
Boldface limits are tested at +25°C. At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
PARAMETER
TEST
LEVEL(3)
MIN/
MAX
UNITS
OPA2694ID
CONDITIONS
PARAMETER
TEST
LEVEL(3)
MIN/
MAX
UNITS
MIN/MAX OVER TEMPERATURE
TYP
CONDITIONS
PARAMETER
TEST
LEVEL(3)
MIN/
MAX
UNITS
−40°C to
+85°C(2)
0°C to
70°C(2)
+25°C(1)
+25°C
CONDITIONS
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6.3
±6.3
±6.3
V
max
A
Minimum Operating Voltage Range
±3.5
±3.5
±3.5
mA
max
B
Maximum Quiescent Current
VS = ±5V, Both Channels
11.6
12.1
12.5
12.7
mA
max
A
Minimum Quiescent Current
VS = ±5V, Both Channels
11.6
11.1
10.5
9.9
mA
min
A
Power-Supply Rejection Ratio (PSRR)
Input-Referred
58
53
51
49
dB
min
A
THERMAL CHARACTERISTICS
Specification: ID
−40 to +85
°C
typ
C
Thermal Resistance qJA
Junction-to-Ambient
D
SO-8
125
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limits; junction temperature = ambient +15°C at high temperature limit for over temperature specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical
value only for information.
(4) Current is considered positive out of node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum specified CMRR at ±CMIR limits.


Similar Part No. - OPA2694ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2694 BURR-BROWN-OPA2694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
More results

Similar Description - OPA2694ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com