Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC30DD4 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # SCC30DD4
Description  CPX and XPX Cross to NSC Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SCC30DD4 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  SCC30DD4 Datasheet HTML 1Page - Honeywell Accelerometers SCC30DD4 Datasheet HTML 2Page - Honeywell Accelerometers SCC30DD4 Datasheet HTML 3Page - Honeywell Accelerometers SCC30DD4 Datasheet HTML 4Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Sensing and Control
1985 Douglas Drive North
Golden Valley, MN 55422
1-815-235-5500
1-815-235-5574 Fax
July 15, 2011
Re: CPX, XPX, SCC, and SX 1 psi and Higher Silicon Pressure Sensors 12-Month Last Time Buy
Opportunity
With the release of the TruStability
® NSC Series Unamplified/Uncompensated products, Honeywell Sensing
and Control is moving forward with the initiative to move all new sensor opportunities to the TruStability
®
product family.
End of Production Scheduled for CPX, XPX, SCC, and SX Series (1 psi and Higher)
Today we are announcing that effective June 30, 2012, production will end for the CPX, XPX, SCC, and SX
Series products with pressure ranges of 1 psi and higher. This notice does not affect SCC and SX SMT
products. This notification is to allow customers a 12-month period to purchase these products to ensure a
smooth transition to the new TruStability
® platform. As announced last year, the TruStability® platform is
intended to provide customers with numerous options along with industry-leading performance. The package
options and product performance should allow customers to easily upgrade their existing CPX, XPX, SCC,
and SX Series products to the TruStability
® platform.
CPX, XPX, SCC, and SX Series listings 1 psi and higher will be removed from the S&C website and
documentation July 30, 2011.
Existing customers must place their orders by April 30, 2012; requested delivery must be by June 30,
2012.
See the chart on page 2 for CPX, XPX, SCC, and SX Series recommended replacement listings.
See the diagram on page 3-4 for a comparison of TruStability
® sensor pin functions versus the pins of
the legacy products that are being replaced.
Access the Rep/AD Web portal for a letter that you can modify and send to the customer.
TruStability
® sample requests should be placed at http://sensingsamples.honeywell.com.
For additional information, please contact AJ Smith at andrew.smith5@honeywell.com.
Best regards,
AJ Smith
AJ Smith
Honeywell Sensing & Control
Global Product Marketing Manager
CPX and XPX Cross to NSC Series
Family
Legacy Listing
Recommended NSC Cross
CPX
CPX15AF
NSCSANN015PAUNV
XPX
XPX01D
NSCSMNN001PDUNV
XPX
XPX100D
NSCSMNN100PDUNV
XPX
XPX100DT
NSCDRRN100PDUNV
XPX
XPX100GFS
NSCDRNN100PGUNV


Similar Part No. - SCC30DD4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCC30DD4 ETC1-SCC30DD4 Datasheet
288Kb / 5P
   Pressure Sensors
logo
Sensortechnics GmbH
SCC30DD4 SENSORTECHNICS-SCC30DD4 Datasheet
103Kb / 5P
   Pressure sensors
More results

Similar Description - SCC30DD4

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
logo
Molex Electronics Ltd.
1120160029 MOLEX-1120160029 Datasheet
1Mb / 2P
   SST??PB3S-CPX Slave Modules for PROFIBUS*
2015
1120160030 MOLEX-1120160030 Datasheet
2Mb / 2P
   SST??PB3M-CPX Master Modules for PROFIBUS*
2015.11
logo
Bothhand USA, LP.
KLU1T041X-43-LF BOTHHAND-KLU1T041X-43-LF Datasheet
217Kb / 2P
   LEDS are isolated to reduce cross talk and electro- magnetics interference
logo
Integrated Device Techn...
IDT82V3395 IDT-IDT82V3395 Datasheet
49Kb / 5P
   DWDM cross-connect and transmission equipment
IDT82V3396 IDT-IDT82V3396 Datasheet
74Kb / 10P
   DWDM cross-connect and transmission equipment
logo
Laird Tech Smart Techno...
POE-HP-XXI LSTD-POE-HP-XXI Datasheet
814Kb / 2P
   Minimum cross talk and insertion loss
logo
Molex Electronics Ltd.
1120160028 MOLEX-1120160028 Datasheet
1Mb / 2P
   SST??PB3-CPX Master/Slave Modules for PROFIBUS*
2015.11
logo
Omron Electronics LLC
G3M203PL424DC OMRON-G3M203PL424DC Datasheet
279Kb / 4P
   Zero Cross Models Added to Compact, Low-cost G3M Series
G3M-203P-UTU-1-4DC5 OMRON-G3M-203P-UTU-1-4DC5 Datasheet
339Kb / 6P
   Zero Cross Models Added to Compact, Low-cost G3M Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com