Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU8NM60ND Datasheet(PDF) 7 Page - STMicroelectronics

Part # STU8NM60ND
Description  N-channel 600 V, 0.59 , 7 A, FDmesh II Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU8NM60ND Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STU8NM60ND Datasheet HTML 3Page - STMicroelectronics STU8NM60ND Datasheet HTML 4Page - STMicroelectronics STU8NM60ND Datasheet HTML 5Page - STMicroelectronics STU8NM60ND Datasheet HTML 6Page - STMicroelectronics STU8NM60ND Datasheet HTML 7Page - STMicroelectronics STU8NM60ND Datasheet HTML 8Page - STMicroelectronics STU8NM60ND Datasheet HTML 9Page - STMicroelectronics STU8NM60ND Datasheet HTML 10Page - STMicroelectronics STU8NM60ND Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STx8NM60ND
Electrical characteristics
7/17
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10. Transconductance
Figure 11. Static-drain source on resistance
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations
ID
6
4
2
0
0
10
VDS(V)
20
(A)
5
15
25
8
10
30
12
5V
6V
7V
VGS=10V
AM03191v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
10
8
10
12
VDS=15V
AM03192v1
GFS
6.5
4.5
2.5
0.5
0
5
ID(A)
(S)
10
8.5
TJ=-50°C
TJ=25°C
TJ=150°C
AM03193v1
RDS(on)
0.054
0.049
0.044
0.039
0
4
ID(A)
(
Ω)
2
6
0.059
0.064
0.069
ID=3.5A
VGS=10V
AM03194v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=480V
ID=7A
25
12
300
200
100
0
400
500
VDS
VGS
AM03195v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM03196v1


Similar Part No. - STU8NM60ND

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STU8NM60ND ISC-STU8NM60ND Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STU8NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB36NM60N STMICROELECTRONICS-STB36NM60N Datasheet
1Mb / 18P
   Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
October 2013 Rev 3
STD13NM60ND STMICROELECTRONICS-STD13NM60ND Datasheet
1Mb / 21P
   N-channel 600 V, 0.32 typ., 11 A, FDmesh II Power MOSFET (with fast diode) in DPAK
STB18NM60ND STMICROELECTRONICS-STB18NM60ND Datasheet
1Mb / 22P
   N-channel 600 V - 0.25 typ., 13 A FDmesh II Power MOSFET (with fast diode) in D2PAK
STW55NM60ND STMICROELECTRONICS-STW55NM60ND Datasheet
147Kb / 9P
   N-channel 600 V - 0.047 廓 - 51 A TO-247 FDmesh??II Power MOSFET (with fast diode)
STF22NM60ND STMICROELECTRONICS-STF22NM60ND Datasheet
790Kb / 13P
   Automotive-grade N-channel 600 V, 0.17 ??typ., 17 A FDmesh??II Power MOSFET in a TO-220FP package
August 2015 Rev 2
STL23NM60ND STMICROELECTRONICS-STL23NM60ND Datasheet
473Kb / 11P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) PowerFLAT??(8x8) HV
STW54NM65ND STMICROELECTRONICS-STW54NM65ND Datasheet
550Kb / 13P
   N-channel 650 V, 0.055 廓, 49 A TO-247 FDmesh??II Power MOSFET
STB23NM60ND STMICROELECTRONICS-STB23NM60ND Datasheet
343Kb / 15P
   N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
STF10NM60ND STMICROELECTRONICS-STF10NM60ND Datasheet
1Mb / 19P
   N-channel 600 V, 0.57, 8 A, DPAK, TO-220FP, TO-220 FDmesh II Power MOSFET (with fast diode)
November 2011 Rev 2
STD11NM60ND STMICROELECTRONICS-STD11NM60ND_10 Datasheet
756Kb / 19P
   N-channel 600 V, 0.37 廓, 10 A, FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com