Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STB24NM60N Datasheet(PDF) 11 Page - STMicroelectronics

Part No. STB24NM60N
Description  N-channel 600 V, 0.168, 17 A MDmesh II Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB24NM60N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STB24NM60N Datasheet HTML 7Page - STMicroelectronics STB24NM60N Datasheet HTML 8Page - STMicroelectronics STB24NM60N Datasheet HTML 9Page - STMicroelectronics STB24NM60N Datasheet HTML 10Page - STMicroelectronics STB24NM60N Datasheet HTML 11Page - STMicroelectronics STB24NM60N Datasheet HTML 12Page - STMicroelectronics STB24NM60N Datasheet HTML 13Page - STMicroelectronics STB24NM60N Datasheet HTML 14Page - STMicroelectronics STB24NM60N Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STB24NM60N
Package mechanical data
Doc ID 010008 Rev 1
11/15
Figure 20.
D²PAK (TO-263) drawing
Figure 21.
D²PAK footprint(a)
a.
All dimension are in millimeters
0079457_R
16.90
12.20
9.75
3.50
5.08
1.60
Footprint


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn