Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1307N Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1307N
Description  64 X 8 Serial Real Time Clock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1307N Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1307N Datasheet HTML 3Page - Dallas Semiconductor DS1307N Datasheet HTML 4Page - Dallas Semiconductor DS1307N Datasheet HTML 5Page - Dallas Semiconductor DS1307N Datasheet HTML 6Page - Dallas Semiconductor DS1307N Datasheet HTML 7Page - Dallas Semiconductor DS1307N Datasheet HTML 8Page - Dallas Semiconductor DS1307N Datasheet HTML 9Page - Dallas Semiconductor DS1307N Datasheet HTML 10Page - Dallas Semiconductor DS1307N Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DS1307
8 of 11
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
0°C to 70°C (-40°C to 85°C for industrial)
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds DIP
See JPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C or -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
1
Logic 1
VIH
2.2
VCC+0.3
V
1
Logic 0
VIL
-0.3
+0.8
V
1
VBAT Battery Voltage
VBAT
2.0
3.5
V
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C or -40°C to +85°C; V
CC =4.5V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
1
µA
10
I/O Leakage
ILO
1
µA
11
Logic 0 Output
VOL
0.4
V
2
Active Supply Current
ICCA
1.5
mA
9
Standby Current
ICCS
200
µA
3
Battery Current (OSC ON);
SQW/OUT OFF
IBAT1
300
500
nA
4
Battery Current (OSC ON);
SQW/OUT ON (32 kHz)
IBAT2
480
800
nA
4


Similar Part No. - DS1307N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307N DALLAS-DS1307N Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307N MAXIM-DS1307N Datasheet
668Kb / 15P
   64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307N MAXIM-DS1307N Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Tiger Electronic Co.,Lt...
DS1307N TGS-DS1307N Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1307N ARTSCHIP-DS1307N Datasheet
249Kb / 14P
   I2C Real-Time Clock
More results

Similar Description - DS1307N

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307_06 Datasheet
668Kb / 15P
   64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com