Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1267E-100 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1267E-100
Description  Dual Digital Potentiometer Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1267E-100 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1267E-100 Datasheet HTML 4Page - Dallas Semiconductor DS1267E-100 Datasheet HTML 5Page - Dallas Semiconductor DS1267E-100 Datasheet HTML 6Page - Dallas Semiconductor DS1267E-100 Datasheet HTML 7Page - Dallas Semiconductor DS1267E-100 Datasheet HTML 8Page - Dallas Semiconductor DS1267E-100 Datasheet HTML 9Page - Dallas Semiconductor DS1267E-100 Datasheet HTML 10Page - Dallas Semiconductor DS1267E-100 Datasheet HTML 11Page - Dallas Semiconductor DS1267E-100 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS1267
8 of 12
102199
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground (VB=GND)
-0.1V to +7.0V
Voltage on Resistor Pins when VB=-5.5V
-5.5V to +7.0V
Voltage on VB
-5.5V to GND
Operating Temperature
-40° to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C; V
CC=5.0V ±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.5
V
1
Input Logic 1
VIH
2.0
VCC+0.5
V
1
Input Logic 0
VIL
-0.5
+0.8
V
1
Substrate Bias
VB
-5.5
GND
V
1
Resistor Inputs
L,H,W
VB-0.5
VCC+0.5
V
2
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC = 5.0V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC
22
650
µA
9
Input Leakage
ILI
-1
+1
µA
Wiper Resistance
RW
400
1000
5
Wiper Current
IW
1
mA
Output Leakage
ILO
-1
+1
µA
Logic 1 Output @ 2.4V
IOH
-1
mA
7
Logic 0 Output @ 0.4V
IOL
4
mA
7
Standby Current
ISTBY
22
µA
5


Similar Part No. - DS1267E-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1267 MAXIM-DS1267 Datasheet
315Kb / 12P
   Dual Digital Potentiometer Chip
102199
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
List of Unclassifed Man...
DS1267S-010 ETC2-DS1267S-010 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - DS1267E-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1267 MAXIM-DS1267 Datasheet
315Kb / 12P
   Dual Digital Potentiometer Chip
102199
DS1868 MAXIM-DS1868 Datasheet
279Kb / 14P
   Dual Digital Potentiometer Chip
100899
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
   Addressable Dual Digital Potentiometer
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com