Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1225AB-85-IND Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1225AB-85-IND
Description  64k Nonvolatile SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1225AB-85-IND Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1225AB-85-IND Datasheet HTML 1Page - Dallas Semiconductor DS1225AB-85-IND Datasheet HTML 2Page - Dallas Semiconductor DS1225AB-85-IND Datasheet HTML 3Page - Dallas Semiconductor DS1225AB-85-IND Datasheet HTML 4Page - Dallas Semiconductor DS1225AB-85-IND Datasheet HTML 5Page - Dallas Semiconductor DS1225AB-85-IND Datasheet HTML 6Page - Dallas Semiconductor DS1225AB-85-IND Datasheet HTML 7Page - Dallas Semiconductor DS1225AB-85-IND Datasheet HTML 8Page - Dallas Semiconductor DS1225AB-85-IND Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS1225AB/AD
5 of 10
AC ELECTRICAL CHARACTERISTICS (cont’d)
DS1225AB- 150
DS1225AD- 150
DS1220AB-200
DS1220AD-200
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
150
200
ns
Access Time
tACC
150
200
ns
OE to Output Valid
tOE
70
100
ns
CE to Output Valid
tCO
150
200
ns
OE or CE to Output Active
tCOE
5
5ns
5
Output High Z from Deselection
tOD
35
35
ns
5
Output Hold from Address
Change
tOH
5
5ns
Write Cycle Time
tWC
150
200
ns
Write Pulse Width
tWP
100
100
ns
3
Address Setup Time
tAW
00
ns
Write Recovery Time
tWR1
tWR2
0
10
0
10
ns
ns
12
13
Output High Z from WE
tODW
35
35
ns
5
Output Active from WE
tOEW
5
5ns
5
Data Setup Time
tDS
60
80
ns
4
Data Hold Time
tDH1
tDH2
0
10
0
10
ns
ns
12
13


Similar Part No. - DS1225AB-85-IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1225AB-70 DALLAS-DS1225AB-70 Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225AB-70++ MAXIM-DS1225AB-70+ Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
19-5625; Rev 11/10
logo
Dallas Semiconductor
DS1225AB-70IND DALLAS-DS1225AB-70IND Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225AB-70IND++ MAXIM-DS1225AB-70IND+ Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
19-5625; Rev 11/10
More results

Similar Description - DS1225AB-85-IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1225AB DALLAS-DS1225AB_10 Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225Y MAXIM-DS1225Y Datasheet
185Kb / 8P
   64k Nonvolatile SRAM
19-5603; Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1225Y ARTSCHIP-DS1225Y Datasheet
283Kb / 7P
   64K Nonvolatile SRAM
logo
Dallas Semiconductor
DS1225Y DALLAS-DS1225Y Datasheet
80Kb / 8P
   64K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225AB MAXIM-DS1225AB Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
19-5625; Rev 11/10
logo
Sanyo Semicon Device
LC3664BL-10 SANYO-LC3664BL-10 Datasheet
200Kb / 7P
   64K SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com