Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1225AB-200 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1225AB-200
Description  64k Nonvolatile SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1225AB-200 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1225AB-200 Datasheet HTML 2Page - Dallas Semiconductor DS1225AB-200 Datasheet HTML 3Page - Dallas Semiconductor DS1225AB-200 Datasheet HTML 4Page - Dallas Semiconductor DS1225AB-200 Datasheet HTML 5Page - Dallas Semiconductor DS1225AB-200 Datasheet HTML 6Page - Dallas Semiconductor DS1225AB-200 Datasheet HTML 7Page - Dallas Semiconductor DS1225AB-200 Datasheet HTML 8Page - Dallas Semiconductor DS1225AB-200 Datasheet HTML 9Page - Dallas Semiconductor DS1225AB-200 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS1225AB/AD
7 of 10
POWER-DOWN/POWER-UP CONDITION
SEE NOTE 11
POWER-DOWN/POWER-UP TIMING
(TA : See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE at VIH before Power-Down
tPD
0
µs
11
VCC slew from VTP to 0V
tF
300
µs
VCC slew from 0V to VTP
tR
300
µs
CE at VIH after Power-Up
tREC
2
125
ms
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Expected Data Retention Time
tDR
10
years
9
WARNING:
Under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery
backup mode.


Similar Part No. - DS1225AB-200

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1225AB-70 DALLAS-DS1225AB-70 Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225AB-70++ MAXIM-DS1225AB-70+ Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
19-5625; Rev 11/10
logo
Dallas Semiconductor
DS1225AB-70IND DALLAS-DS1225AB-70IND Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225AB-70IND++ MAXIM-DS1225AB-70IND+ Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
19-5625; Rev 11/10
More results

Similar Description - DS1225AB-200

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1225AB DALLAS-DS1225AB_10 Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225Y MAXIM-DS1225Y Datasheet
185Kb / 8P
   64k Nonvolatile SRAM
19-5603; Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1225Y ARTSCHIP-DS1225Y Datasheet
283Kb / 7P
   64K Nonvolatile SRAM
logo
Dallas Semiconductor
DS1225Y DALLAS-DS1225Y Datasheet
80Kb / 8P
   64K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225AB MAXIM-DS1225AB Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
19-5625; Rev 11/10
logo
Sanyo Semicon Device
LC3664BL-10 SANYO-LC3664BL-10 Datasheet
200Kb / 7P
   64K SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com