Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO124U-1K Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO124U-1K
Description  Precision Lowest-Cost
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO124U-1K Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO124U-1K Datasheet HTML 5Page - Texas Instruments ISO124U-1K Datasheet HTML 6Page - Texas Instruments ISO124U-1K Datasheet HTML 7Page - Texas Instruments ISO124U-1K Datasheet HTML 8Page - Texas Instruments ISO124U-1K Datasheet HTML 9Page - Texas Instruments ISO124U-1K Datasheet HTML 10Page - Texas Instruments ISO124U-1K Datasheet HTML 11Page - Texas Instruments ISO124U-1K Datasheet HTML 12Page - Texas Instruments ISO124U-1K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISO124
9
SBOS074C
www.ti.com
FIGURE 6. Thermocouple Amplifier with Ground Loop Elimination, Cold Junction Compensation, and Up-scale Burn-out.
FIGURE 7. Isolated 4-20mA Instrument Loop. (RTD shown.)
R
CM
1k
RCV420
XTR105
R
G
R
Z
(1)
13
3
4
2
6
7
10
14
1
0.01
µF
4-20mA
RTD
(PT100)
0.8mA
0.8mA
1.6mA
14
15
16
3
2
10
4
12
11
5, 13
15
16
2
1
Gnd
–V
S = –15V
on PWS740
+V
S = 15V on PWS740
9
10
7
8
–V
+V
ISO124
V
OUT
0V - 5V
NOTE: (1) R
Z = RTD resistance at minimum measured temperature.
2
6
10.0V
4
REF102
INA114
or
INA128
+In
7
4
3
8
1
2
5
16
15
8
10
ISO124
7
V
OUT
9
6
–In
+15V
+15V
–15V
+15V –15V
ISA
TYPE
E
J
K
T
MATERIAL
Chromel
Constantan
Iron
Constantan
Chromel
Alumel
Copper
Constantan
SEEBACK
COEFFICIENT
(
µV/°C)
58.5
50.2
39.4
38.0
R
2
(R
3 = 100Ω)
3.48k
4.12k
5.23k
5.49k
R
4
(R
5 + R6 = 100Ω)
56.2k
64.9k
80.6k
84.5k
+15V –15V
R
3
100
Ground Loop Through Conduit
NOTE: (1) –2.1mV/
°C at 2.00µA.
R
1
27k
Isothermal
Block with
1N4148(1)
R
2
1M
R
5
50
R
G
R
4
R
6
100
Zero Adj
Thermocouple
2
1


Similar Part No. - ISO124U-1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO124U BURR-BROWN-ISO124U Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124U TI1-ISO124U Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
ISO124U/1K TI1-ISO124U/1K Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
ISO124U/1KE4 TI1-ISO124U/1KE4 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
ISO124UE4 TI1-ISO124UE4 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
More results

Similar Description - ISO124U-1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
logo
Laird Tech Smart Techno...
AC4490 LSTD-AC4490 Datasheet
519Kb / 2P
   Lowest cost one-watt module available
logo
Orister Corporation
RS2030X ORISTER-RS2030X Datasheet
292Kb / 7P
   Lowest Cost Green-Power Off-Line PWM Controller
RS2030A ORISTER-RS2030A_08 Datasheet
152Kb / 7P
   Lowest Cost Green-Power Off-Line PWM Controller
logo
Infineon Technologies A...
PMB7860 INFINEON-PMB7860 Datasheet
192Kb / 2P
   E -GOLDlite Lowest Cost GSM/GPRS/Base band IC
2004-01-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com