Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN13817 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN13817
Description  138.24MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN13817 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN13817 Datasheet HTML 1Page - SIPAT Co,Ltd LBN13817 Datasheet HTML 2Page - SIPAT Co,Ltd LBN13817 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN13817
Rev. Date
2013-05-07
Ver.
1.0
Page
2/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
138.24MHz SAW Filter
20MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBN13817
N13817
N13817
N13817
Matching Configuration
手动测试座
L1=
L1=
L1=
L1=15+82
15+82
15+82
15+82nH
nH
nH
nH
L2=
L2=
L2=
L2=100+10
100+10
100+10
100+10nH
nH
nH
nH
C1=18pF
C1=18pF
C1=18pF
C1=18pF
C2=
C2=
C2=
C2=22
22
22
22pF
pF
pF
pF
Source/Load
Source/Load
Source/Load
Source/Load Impedance=50
Impedance=50
Impedance=50
Impedance=50 ohm
ohm
ohm
ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Pad
Pad
Pad
Pad Configuration
Configuration
Configuration
Configuration::::
Input:
9
Output:
4
Ground:
All Others
Marking
Marking
Marking
Marking Configuration
Configuration
Configuration
Configuration::::
1) •: Pad Number 1 Index
2) SIPAT: Manufacturer Name
3) LBN13817: Part Number
4) XXYYZZ: Date Code
Package:
Package:
Package:
Package: SMD
SMD
SMD
SMD7
7
7
7.0*
.0*
.0*
.0*5
5
5
5.0
.0
.0
.0
Unit:
Unit:
Unit:
Unit: mm
mm
mm
mm
4
3
2
5
6
7
8
9
10
1
1
3
2
9
10
8
7
6
5
4
7.00±0.15
0.60
1.00
1.27
SIPAT
LBN13817
XXYYZZ


Similar Part No. - LBN13817

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN13811 SIPAT-LBN13811 Datasheet
195Kb / 3P
   138.24MHz SAW Filter 25MHz Bandwidth
LBN13811 SIPAT-LBN13811 Datasheet
195Kb / 3P
   138.24MHz SAW Filter 25MHz Bandwidth
LBN13818 SIPAT-LBN13818 Datasheet
308Kb / 3P
   138.24MHz IF SAW Filter 76MHz Bandwidth
More results

Similar Description - LBN13817

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN13811 SIPAT-LBN13811 Datasheet
195Kb / 3P
   138.24MHz SAW Filter 25MHz Bandwidth
LBN13809 SIPAT-LBN13809 Datasheet
145Kb / 3P
   138.24MHz SAW Filter 24MHz Bandwidth
LBS13808 SIPAT-LBS13808 Datasheet
144Kb / 3P
   138.24MHz SAW Filter 4MHz Bandwidth
LBN13809 SIPAT-LBN13809 Datasheet
150Kb / 3P
   138.24MHz SAW Filter 24MHz Bandwidth
LBN13811 SIPAT-LBN13811 Datasheet
195Kb / 3P
   138.24MHz SAW Filter 25MHz Bandwidth
LBS13808 SIPAT-LBS13808 Datasheet
138Kb / 3P
   138.24MHz SAW Filter 4MHz Bandwidth
logo
Oscilent Corporation
807-SL138.24M-20B OSCILENT-807-SL138.24M-20B Datasheet
211Kb / 6P
   138.24MHz IF SAW Filter 22.46MHz Bandwidth
logo
SIPAT Co,Ltd
LBN13818 SIPAT-LBN13818 Datasheet
308Kb / 3P
   138.24MHz IF SAW Filter 76MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1186A TAI-SAW-TB1186A Datasheet
164Kb / 7P
   SAW Filter 138.24MHz 20MHz BW (SMD 7.0횞5.0 mm)
TB0695A TAI-SAW-TB0695A Datasheet
287Kb / 7P
   SAW Filter 138.24MHz 76MHz BW (SMD 5횞7 mm)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com