Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78M12J3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # LM78M12J3
Description  Three Terminal Medium Current Positive Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78M12J3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button LM78M12J3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78M12J3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78M12J3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78M12J3 Datasheet HTML 5Page - Cystech Electonics Corp. LM78M12J3 Datasheet HTML 6Page - Cystech Electonics Corp. LM78M12J3 Datasheet HTML 7Page - Cystech Electonics Corp. LM78M12J3 Datasheet HTML 8Page - Cystech Electonics Corp. LM78M12J3 Datasheet HTML 9Page - Cystech Electonics Corp. LM78M12J3 Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C520J3
Issued Date : 2007.10.23
Revised Date :2011.10.31
Page No. : 6/12
LM78MXXJ3
CYStek Product Specification
LM78M18
(Ta=25
°C, Vin=27V, Io=350mA, Cin=0.33uF, Cout=0.1uF, unless otherwise noted)
LM78M18
Symbol
Parameter
Conditions
Min
Typ
Max
Units
17.28
18.0
18.72
Vo
Output Voltage
5mA
≤Io≤350mA
21V
≤Vin≤33V
17.10
-
18.90
V
IO=200mA, 21V
≤Vin≤33V
-
7
100
ΔVo
Line Regulation
IO=200mA, 24V
≤Vin≤33V
-
3
50
mV
5mA
≤Io≤500mA
-
30
360
ΔVo
Load Regulation
5mA
≤Io≤200mA
-
15
180
mV
IQ
Quiescent Current
IO=0mA
-
4.5
6
mA
5mA
≤Io≤350mA
-
-
0.5
ΔIQ
Quiescent Current
Change
21V
≤Vin≤33V, Io=200mA
-
-
0.8
mA
Vn
Output Noise Voltage
10Hz
≤f≤100KHz
-
140
-
μV
RR
Ripple Rejection
22V
≤Vin≤32V, Io=100mA,
f=120Hz, eIN=1Vrms
53
-
-
dB
VD
Dropout Voltage
Io=500mA
-
2
-
V
ISC
Output Short Circuit
Current
Vin=30V
170
mA
IPK
Peak Output Current
Tj=25℃
700
mA
TCVo
Temperature Coefficient
of Output Voltage
Io=5mA, 0≤Tj≤125℃
-0.6
mV/℃
LM78M24
(Ta=25
°C, Vin=33V, Io=350mA, Cin=0.33uF, Cout=0.1uF, unless otherwise noted)
LM78M24
Symbol
Parameter
Conditions
Min
Typ
Max
Units
23.04
24.0
24.96
Vo
Output Voltage
5mA
≤Io≤350mA
27V
≤Vin≤33V
22.80
-
25.20
V
IO=200mA, 27V
≤Vin≤33V
-
10
100
ΔVo
Line Regulation
IO=200mA, 28V
≤Vin≤33V
-
5
50
mV
5mA
≤Io≤500mA
-
30
480
ΔVo
Load Regulation
5mA
≤Io≤200mA
-
15
240
mV
IQ
Quiescent Current
IO=0mA
-
4.8
6
mA
5mA
≤Io≤350mA
-
-
0.5
ΔIQ
Quiescent Current
Change
27V
≤Vin≤33V, Io=200mA
-
-
0.8
mA
Vn
Output Noise Voltage
10Hz
≤f≤100KHz
-
170
-
μV
RR
Ripple Rejection
28V
≤Vin≤38V, Io=100mA,
f=120Hz, eIN=1Vrms
50
-
-
dB
VD
Dropout Voltage
Io=500mA
-
2
-
V
ISC
Output Short Circuit
Current
Vin=30V
170
mA
IPK
Peak Output Current
Tj=25℃
700
mA
TCVo
Temperature Coefficient
of Output Voltage
Io=5mA, 0≤Tj≤125℃
-0.7
mV/℃


Similar Part No. - LM78M12J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78M12J3 CYSTEKEC-LM78M12J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results

Similar Description - LM78M12J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05L3 CYSTEKEC-LM78M05L3 Datasheet
255Kb / 6P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05XA3 CYSTEKEC-LM78M05XA3 Datasheet
169Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com