Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1250WP-150-IND Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1250WP-150-IND
Description  3.3V 4096k Nonvolatile SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1250WP-150-IND Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1250WP-150-IND Datasheet HTML 3Page - Dallas Semiconductor DS1250WP-150-IND Datasheet HTML 4Page - Dallas Semiconductor DS1250WP-150-IND Datasheet HTML 5Page - Dallas Semiconductor DS1250WP-150-IND Datasheet HTML 6Page - Dallas Semiconductor DS1250WP-150-IND Datasheet HTML 7Page - Dallas Semiconductor DS1250WP-150-IND Datasheet HTML 8Page - Dallas Semiconductor DS1250WP-150-IND Datasheet HTML 9Page - Dallas Semiconductor DS1250WP-150-IND Datasheet HTML 10Page - Dallas Semiconductor DS1250WP-150-IND Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DS1250W
8 of 11
DC TEST CONDITIONS
AC TEST CONDITIONS
Outputs Open
Output Load: 100 pF + 1TTL Gate
Cycle = 200 ns for operating current
Input Pulse Levels: 0 - 3.0V
All voltages are referenced to ground
Timing Measurement Reference Levels
Input: 1.5V
Output: 1.5V
Input pulse Rise and Fall Times: 5 ns
ORDERING INFORMATION
DS1250 W P - SSS - III
Operating Temperature Range
blank: 0
° to 70°
IND: -40
° to +85°C
Access Speed
150:
150 ns
Package Type
blank: 28-pin 600 mil DIP
P:
34-pin PowerCap Module
DS1250W NONVOLATILE SRAM, 32-PIN 740 MIL EXTENDED DIP MODULE
PKG
32-PIN
DIM
MIN
MAX
A IN.
MM
1.680
42.67
1.700
43.18
B IN.
MM
0.720
18.29
0.740
18.80
C IN.
MM
0.355
9.02
0.375
9.52
D IN.
MM
0.080
2.03
0.110
2.79
E IN.
MM
0.015
0.38
0.025
0.63
F IN.
MM
0.120
3.05
0.160
4.06
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.38
0.021
0.53


Similar Part No. - DS1250WP-150-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1250WP-100++ MAXIM-DS1250WP-100+ Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
DS1250WP-100IND++ MAXIM-DS1250WP-100IND+ Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
More results

Similar Description - DS1250WP-150-IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
logo
Dallas Semiconductor
DS1250Y DALLAS-DS1250Y Datasheet
217Kb / 11P
   4096k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250Y-70IND MAXIM-DS1250Y-70IND Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
Rev 12/10
DS1250YL MAXIM-DS1250YL Datasheet
323Kb / 9P
   4096K Nonvolatile SRAM
022598
DS1250AB MAXIM-DS1250AB Datasheet
242Kb / 10P
   4096k Nonvolatile SRAM
19-5647; Rev 12/10
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1350W MAXIM-DS1350W Datasheet
217Kb / 10P
   3.3V 4096k Nonvolatile SRAM with Battery Monitor
19-5586; Rev 10/10
logo
Dallas Semiconductor
DS1350W DALLAS-DS1350W Datasheet
107Kb / 11P
   3.3V 4096K Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
logo
Dallas Semiconductor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com