Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1245AB-70 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1245AB-70
Description  1024k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1245AB-70 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1245AB-70 Datasheet HTML 1Page - Dallas Semiconductor DS1245AB-70 Datasheet HTML 2Page - Dallas Semiconductor DS1245AB-70 Datasheet HTML 3Page - Dallas Semiconductor DS1245AB-70 Datasheet HTML 4Page - Dallas Semiconductor DS1245AB-70 Datasheet HTML 5Page - Dallas Semiconductor DS1245AB-70 Datasheet HTML 6Page - Dallas Semiconductor DS1245AB-70 Datasheet HTML 7Page - Dallas Semiconductor DS1245AB-70 Datasheet HTML 8Page - Dallas Semiconductor DS1245AB-70 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS1245Y/AB
2 of 12
DESCRIPTION
The DS1245 1024k Nonvolatile SRAMs are1,048,576-bit, fully static, nonvolatile SRAMs organized as
131,072 words by 8 bits. Each complete NV SRAM has a self-contained lithium energy source and
control circuitry which constantly monitors VCC for an out-of-tolerance condition. When such a condition
occurs, the lithium energy source is automatically switched on and write protection is unconditionally
enabled to prevent data corruption. DIP-package DS1245 devices can be used in place of existing 128k x
8 static RAMs directly conforming to the popular bytewide 32-pin DIP standard. DS1245 devices in the
PowerCap Module package are directly surface mountable and are normally paired with a DS9034PC
PowerCap to form a complete Nonvolatile SRAM module. There is no limit on the number of write
cycles that can be executed and no additional support circuitry is required for microprocessor interfacing.
READ MODE
The DS1245 executes a read cycle whenever WE (Write Enable) is inactive (high) and CE (Chip Enable)
and OE (Output Enable) are active (low). The unique address specified by the 17 address inputs (A0 -
A16) defines which of the 131,072 bytes of data is to be accessed. Valid data will be available to the eight
data output drivers within tACC (Access Time) after the last address input signal is stable, providing that
CE
and OE (Output Enable) access times are also satisfied. If OE and CE access times are not satisfied,
then data access must be measured from the later occurring signal ( CE or OE ) and the limiting parameter
is either tCO for CE or tOE for OE rather than address access.
WRITE MODE
The DS1245 executes a write cycle whenever the WE and CE signals are active (low) after address
inputs are stable. The later occurring falling edge of CE or WE will determine the start of the write cycle.
The write cycle is terminated by the earlier rising edge of CE or WE . All address inputs must be kept
valid throughout the write cycle. WE must return to the high state for a minimum recovery time (tWR)
before another cycle can be initiated. The OE control signal should be kept inactive (high) during write
cycles to avoid bus contention. However, if the output drivers are enabled ( CE and OE active) then WE
will disable the outputs in tODW from its falling edge.
DATA RETENTION MODE
The DS1245AB provides full functional capability for VCC greater than 4.75 volts and write protects by
4.5 volts. The DS1245Y provides full functional capability for VCC greater than 4.5 volts and write-
protects by 4.25 volts. Data is maintained in the absence of VCC without any additional support circuitry.
The nonvolatile static RAMs constantly monitor VCC. Should the supply voltage decay, the NV SRAMs
automatically write-protect themselves, all inputs become “don’t care,” and all outputs become high
impedance. As VCC falls below approximately 3.0 volts, a power switching circuit connects the lithium
energy source to RAM to retain data. During power-up, when VCC rises above approximately 3.0 volts,
the power switching circuit connects external VCC to RAM and disconnects the lithium energy source.
Normal RAM operation can resume after VCC exceeds 4.75 volts for the DS1245AB and 4.5 volts for the
DS1245Y.
FRESHNESS SEAL
Each DS1245 device is shipped from Dallas Semiconductor with its lithium energy source disconnected,
guaranteeing full energy capacity. When VCC is first applied at a level greater than 4.25 volts, the lithium
energy source is enabled for battery back-up operation.


Similar Part No. - DS1245AB-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1245AB-70 MAXIM-DS1245AB-70 Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
Rev 11/10
DS1245AB-70++ MAXIM-DS1245AB-70+ Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
19-5638; Rev 11/10
DS1245AB-70IND MAXIM-DS1245AB-70IND Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
Rev 11/10
DS1245AB-70IND++ MAXIM-DS1245AB-70IND+ Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
19-5638; Rev 11/10
More results

Similar Description - DS1245AB-70

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1245Y DALLAS-DS1245Y_10 Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245Y-70IND MAXIM-DS1245Y-70IND Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
Rev 11/10
DS1245AB MAXIM-DS1245AB Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
19-5638; Rev 11/10
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
Dallas Semiconductor
DS1245YL DALLAS-DS1245YL Datasheet
181Kb / 9P
   1024K Nonvolatile SRAM
DS1245W DALLAS-DS1245W Datasheet
218Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245W MAXIM-DS1245W Datasheet
229Kb / 10P
   3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
logo
ARTSCHIP ELECTRONICS CO...
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1345Y MAXIM-DS1345Y Datasheet
220Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
032904
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
022598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com