Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78LXXM3-A-T2-G Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # LM78LXXM3-A-T2-G
Description  Low Current Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78LXXM3-A-T2-G Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  LM78LXXM3-A-T2-G Datasheet HTML 1Page - Cystech Electonics Corp. LM78LXXM3-A-T2-G Datasheet HTML 2Page - Cystech Electonics Corp. LM78LXXM3-A-T2-G Datasheet HTML 3Page - Cystech Electonics Corp. LM78LXXM3-A-T2-G Datasheet HTML 4Page - Cystech Electonics Corp. LM78LXXM3-A-T2-G Datasheet HTML 5Page - Cystech Electonics Corp. LM78LXXM3-A-T2-G Datasheet HTML 6Page - Cystech Electonics Corp. LM78LXXM3-A-T2-G Datasheet HTML 7Page - Cystech Electonics Corp. LM78LXXM3-A-T2-G Datasheet HTML 8Page - Cystech Electonics Corp. LM78LXXM3-A-T2-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C515A3
Issued Date : 2014.01.15
Revised Date :
Page No. : 4/14
LM78LXXA3/M3
CYStek Product Specification
LM78L08(Vin=14V, Io=80mA, Tj=25
°C, Cin=0.33uF, Cout=0.1uF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
7.76
8
8.24
Vo
B-rank(5%)
Output Voltage
7.60
-
8.40
Vin=14V, Io=80mA,Tj=25
°C
10.5V
≤Vin≤23V, 1mA≤Io≤80mA
Vin=14V,1mA
≤Io≤140mA (Note 2)
V
-
42
175
10.5V
≤Vin≤23V
ΔVo
Line Regulation
-
36
125
11V
≤Vin≤23V
mV
-
18
80
1mA
≤Io≤200mA
ΔVo
Load Regulation
-
10
40
1mA
≤Io≤80mA
mV
IQ
Quiescent Current
-
2.8
6
Tj=25
°C, Vin=14V, Io=80mA
mA
-
-
1.5
11V
≤Vin≤23V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤80mA
mA
Vn
Output Noise Voltage
-
54
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
37
46
-
11V
≤Vin≤21V, f=120Hz
dB
ΔVo/ΔTj
Temperature Stability
-
0.75
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃
VD
Dropout Voltage
-
1.7
-
Io=80mA
V
LM78L09 (Vin=16V, Io=80mA, Tj=25
°C, Cin=0.33uF, Cout=0.1uF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
8.73
9
9.27
Vo
B-rank(5%)
Output Voltage
8.55
-
9.45
Vin=16V, Io=80mA,Tj=25
°C
12V
≤Vin≤24V, 1mA≤Io≤80mA
Vin=12V,1mA
≤Io≤140mA (Note 2)
V
-
45
175
12V
≤Vin≤24V
ΔVo
Line Regulation
-
40
125
13V
≤Vin≤24V
mV
-
19
90
1mA
≤Io≤200mA
ΔVo
Load Regulation
-
11
40
1mA
≤Io≤80mA
mV
IQ
Quiescent Current
-
2.9
6
Tj=25
°C, Vin=16V, Io=80mA
mA
-
-
1.5
13V
≤Vin≤24V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤80mA
mA
Vn
Output Noise Voltage
-
58
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
38
45
-
15V
≤Vin≤25V, f=120Hz
dB
ΔVo/ΔTj
Temperature Stability
-
0.75
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃
VD
Dropout Voltage
-
1.7
-
Io=80mA
V


Similar Part No. - LM78LXXM3-A-T2-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78LXXM3-A-T2-G CYSTEKEC-LM78LXXM3-A-T2-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXM3-A-T2-G CYSTEKEC-LM78LXXM3-A-T2-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXM3-A-T2-G CYSTEKEC-LM78LXXM3-A-T2-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXM3-A-T2-G CYSTEKEC-LM78LXXM3-A-T2-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXM3-A-T2-G CYSTEKEC-LM78LXXM3-A-T2-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
More results

Similar Description - LM78LXXM3-A-T2-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
LM78L08Q8 CYSTEKEC-LM78L08Q8 Datasheet
363Kb / 11P
   Low Current Positive Voltage Regulator
LM78L09XM3 CYSTEKEC-LM78L09XM3 Datasheet
122Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com