Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM78L15A3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part No. LM78L15A3
Description  Low Current Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78L15A3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM78L15A3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78L15A3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78L15A3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78L15A3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78L15A3 Datasheet HTML 5Page - Cystech Electonics Corp. LM78L15A3 Datasheet HTML 6Page - Cystech Electonics Corp. LM78L15A3 Datasheet HTML 7Page - Cystech Electonics Corp. LM78L15A3 Datasheet HTML 8Page - Cystech Electonics Corp. LM78L15A3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C515A3
Issued Date : 2014.01.15
Revised Date :
Page No. : 2/14
LM78LXXA3/M3
CYStek Product Specification
Outlines
Typical Application
Schematic Diagram
TO-92
O G I
SOT-89
O G
I
LM78LXX
Vout
Vin
1
3
2
C1
C2
A common ground is required between the
input and the output voltages. The input
voltage must remain typically 2.0V above
the output voltage even during the low point
on the input ripple voltage.
Note : C1 and C2 are required if regulator is located
far from power supply filter and load, or oscillation
may induced on the loop.
576
3.41K
3.89K
7.8K
2.84K
13K
5pF
2.23K
GND
1.5K
1.9K
100
100
5K
5.7K
Vout
Vin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn