Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1220AB-85IND Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1220AB-85IND
Description  64k Nonvolatile SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1220AB-85IND Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1220AB-85IND Datasheet HTML 1Page - Dallas Semiconductor DS1220AB-85IND Datasheet HTML 2Page - Dallas Semiconductor DS1220AB-85IND Datasheet HTML 3Page - Dallas Semiconductor DS1220AB-85IND Datasheet HTML 4Page - Dallas Semiconductor DS1220AB-85IND Datasheet HTML 5Page - Dallas Semiconductor DS1220AB-85IND Datasheet HTML 6Page - Dallas Semiconductor DS1220AB-85IND Datasheet HTML 7Page - Dallas Semiconductor DS1220AB-85IND Datasheet HTML 8Page - Dallas Semiconductor DS1220AB-85IND Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
111899
FEATURES
10 years minimum data retention in the
absence of external power
Data is automatically protected during power
loss
Directly replaces 8k x 8 volatile static RAM
or EEPROM
Unlimited write cycles
Low-power CMOS
JEDEC standard 28-pin DIP package
Read and write access times as fast as 70 ns
Lithium energy source is electrically
disconnected to retain freshness until power
is applied for the first time
Full ±10% VCC operating range (DS1225AD)
Optional ±5% VCC operating range
(DS1225AB)
Optional industrial temperature range of
-40°C to +85°C, designated IND
PIN ASSIGNMENT
28-Pin ENCAPSULATED PACKAGE
720-mil EXTENDED
PIN DESCRIPTION
A0-A12
- Address Inputs
DQ0-DQ7
- Data In/Data Out
CE
- Chip Enable
WE
- Write Enable
OE
- Output Enable
VCC
- Power (+5V)
GND
- Ground
NC
- No Connect
DESCRIPTION
The DS1225AB and DS1225AD are 65,536-bit, fully static, nonvolatile SRAMs organized as 8192 words
by 8 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry which
constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium
energy source is automatically switched on and write protection is unconditionally enabled to prevent
data corruption. The NV SRAMs can be used in place of existing 8k x 8 SRAMs directly conforming to
the popular bytewide 28-pin DIP standard. The devices also match the pinout of the 2764 EPROM and
the 2864 EEPROM, allowing direct substitution while enhancing performance. There is no limit on the
number of write cycles that can be executed and no additional support circuitry is required for
microprocessor interfacing.
DS1225AB/AD
64k Nonvolatile SRAM
www.dalsemi.com
15
13
27
A7
A5
A3
A2
A1
A0
DQ0
DQ1
GND
DQ2
VCC
WE
NC
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ3
DQ4
1
2
3
4
5
6
7
8
9
10
11
12
14
28
26
25
24
23
22
21
20
19
18
17
16
A12
A6
A4
NC


Similar Part No. - DS1220AB-85IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1220AB-100 MAXIM-DS1220AB-100 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
DS1220AB-100++ MAXIM-DS1220AB-100+ Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
logo
Dallas Semiconductor
DS1220AB-100-IND DALLAS-DS1220AB-100-IND Datasheet
136Kb / 9P
   16k Nonvolatile SRAM
DS1220AB-100-IND DALLAS-DS1220AB-100-IND Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1220AB-100-IND ARTSCHIP-DS1220AB-100-IND Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
More results

Similar Description - DS1220AB-85IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1225AB DALLAS-DS1225AB_10 Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225Y MAXIM-DS1225Y Datasheet
185Kb / 8P
   64k Nonvolatile SRAM
19-5603; Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1225Y ARTSCHIP-DS1225Y Datasheet
283Kb / 7P
   64K Nonvolatile SRAM
logo
Dallas Semiconductor
DS1225Y DALLAS-DS1225Y Datasheet
80Kb / 8P
   64K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225AB MAXIM-DS1225AB Datasheet
210Kb / 9P
   64k Nonvolatile SRAM
19-5625; Rev 11/10
logo
Sanyo Semicon Device
LC3664BL-10 SANYO-LC3664BL-10 Datasheet
200Kb / 7P
   64K SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com