Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1220Y-120 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1220Y-120
Description  16k Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1220Y-120 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1220Y-120 Datasheet HTML 1Page - Dallas Semiconductor DS1220Y-120 Datasheet HTML 2Page - Dallas Semiconductor DS1220Y-120 Datasheet HTML 3Page - Dallas Semiconductor DS1220Y-120 Datasheet HTML 4Page - Dallas Semiconductor DS1220Y-120 Datasheet HTML 5Page - Dallas Semiconductor DS1220Y-120 Datasheet HTML 6Page - Dallas Semiconductor DS1220Y-120 Datasheet HTML 7Page - Dallas Semiconductor DS1220Y-120 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS1220Y
6 of 8
POWER-DOWN/POWER-UP CONDITION
SEE NOTE 11
POWER-DOWN/POWER-UP TIMING
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
CE at VIH before Power-Down
tPD
0
µs
11
VCC Slew from VTP to 0V
tF
100
µs
VCC Slew from 0V to VTP
tR
0
µs
CE at VIH after Power-Up
tREC
2ms
(TA = 25
°C)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Expected Data Retention Time
tDR
10
years
9
WARNING:
Under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery
backup mode.
NOTES:
1.
WE is high for a read cycle.
2. OE = VIH or VIL . If OE = VIH during a write cycle, the output buffers remain in a high impedance
state.
3. tWP is specified as the logical AND of CE and WE . tWP is measured from the latter of CE or WE
going low to the earlier of CE or WE going high.
4. tDS are measured from the earlier of CE or WE going high.
5. These parameters are sampled with a 5 pF load and are not 100% tested.
6. If the CE low transition occurs simultaneously with or later than the WE low transition in write
cycle 1, the output buffers remain in a high impedance state during this period.


Similar Part No. - DS1220Y-120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1220Y-100++ MAXIM-DS1220Y-100+ Datasheet
207Kb / 9P
   16k Nonvolatile SRAM
19-5579; Rev 10/10
DS1220Y-100IND++ MAXIM-DS1220Y-100IND+ Datasheet
207Kb / 9P
   16k Nonvolatile SRAM
19-5579; Rev 10/10
More results

Similar Description - DS1220Y-120

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220AB DALLAS-DS1220AB Datasheet
136Kb / 9P
   16k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AD-150 MAXIM-DS1220AD-150 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
DS1220Y MAXIM-DS1220Y Datasheet
207Kb / 9P
   16k Nonvolatile SRAM
19-5579; Rev 10/10
DS1220AB MAXIM-DS1220AB Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
DS1220AD-100 MAXIM-DS1220AD-100 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
logo
Dallas Semiconductor
DS1220AB DALLAS-DS1220AB_10 Datasheet
207Kb / 8P
   16k Nonvolatile SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com