Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1100Z-25 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part No. DS1100Z-25
Description  5-Tap Economy Timing Element Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1100Z-25 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1100Z-25 Datasheet HTML 1Page - Dallas Semiconductor DS1100Z-25 Datasheet HTML 2Page - Dallas Semiconductor DS1100Z-25 Datasheet HTML 3Page - Dallas Semiconductor DS1100Z-25 Datasheet HTML 4Page - Dallas Semiconductor DS1100Z-25 Datasheet HTML 5Page - Dallas Semiconductor DS1100Z-25 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS1100
3 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
Short-Circuit Output Current
50mA for 1s
*This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS (VCC = 5.0V ±5%, TA = -40°C to +85°C.)
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5.00
5.25
V
5
High-Level
Input Voltage
VIH
2.2
VCC +
0.3
V5
Low-Level
Input Voltage
VIL
-0.3
0.8
V
5
Input-Leakage
Current
II
0.0V
£ VI £ VCC
-1.0
1.0
µA
Active Current
ICC
VCC = Max; Freq = 1MHz
30
50
mA
6, 8
High-Level
Output Current
IOH
VCC = Min; VOH = 4
-1
mA
Low-Level
Output Current
IOL
VCC = Min; VOL = 0.5
12
mA
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V ±5%, TA = -40°C to +85°C.)
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX UNITS
NOTES
Input
Pulse Width
tWI
20% of
Tap 5
tPLH
ns
9
+25°C 5V
-2
Table 1
+2
ns
1, 3, 4, 7
0°C to +70°C
-3
Table 1
+3
ns
1, 2, 3, 4, 7
Input-to-Tap
Delay Tolerance
(Delays
£ 40ns)
tPLH,
tPHL
-40°C to +85°C
-4
Table 1
+4
ns
1, 2, 3, 4, 7
+25°C 5V
-5
Table 1
+5
%
1, 3, 4, 7
0°C to +70°C
-8
Table 1
+8
%
1, 2, 3, 4, 7
Input-to-Tap
Delay Tolerance
(Delays > 40ns)
tPLH,
tPHL
-40°C to +85°C
-13
Table 1
+13
%
1, 2, 3, 4, 7
Power-Up Time
tPU
200
µs
Input Period
Period
2(tWI)ns
9
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF


Similar Part No. - DS1100Z-25

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1100 MAXIM-DS1100 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
MTU Onsite Energy Corporation
MTU Onsite Energy Corpo...
DS1100D5S MTU-DS1100D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
Dallas Semiconductor
Dallas Semiconductor
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
Maxim Integrated Products
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
DS1100L MAXIM-DS1100L Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
More results

Similar Description - DS1100Z-25

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1100L_1110 MAXIM-DS1100L_1110 Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
Dallas Semiconductor
Dallas Semiconductor
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
Maxim Integrated Products
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L_V01 Datasheet
546Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
19-5736 ; Rev 7/15
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
DS1100L MAXIM-DS1100L_11 Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
Dallas Semiconductor
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
Maxim Integrated Products
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
List of Unclassifed Manufacturers
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
Dallas Semiconductor
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz