Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1230W-100 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1230W-100
Description  3.3V 256k Nonvolatile SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230W-100 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1230W-100 Datasheet HTML 1Page - Dallas Semiconductor DS1230W-100 Datasheet HTML 2Page - Dallas Semiconductor DS1230W-100 Datasheet HTML 3Page - Dallas Semiconductor DS1230W-100 Datasheet HTML 4Page - Dallas Semiconductor DS1230W-100 Datasheet HTML 5Page - Dallas Semiconductor DS1230W-100 Datasheet HTML 6Page - Dallas Semiconductor DS1230W-100 Datasheet HTML 7Page - Dallas Semiconductor DS1230W-100 Datasheet HTML 8Page - Dallas Semiconductor DS1230W-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1230W
4 of 11
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF
Input/Output Capacitance
CI/O
510
pF
AC ELECTRICAL CHARACTERISTICS
(tA: See Note 10) (VCC=3.3V
±=3.0V)
DS1230W-150
PARAMETER
SYMBOL
MIN
MAX
TYPE
UNITS
NOTES
Read Cycle Time
tRC
150
ns
Access Time
tACC
150
ns
OE to Output Valid
tOE
70
ns
CE to Output Valid
tCO
150
ns
OE or CE to Output Active
tCOE
5ns
5
Output High Z from Deselection
tOD
35
ns
5
Output Hold from Address Change
tOH
5ns
Write Cycle Time
tWC
150
ns
Write Pulse Width
tWP
100
ns
3
Address Setup Time
tAW
0ns
Write Recovery Time
tWR1
tWR2
5
20
ns
ns
12
13
Output High Z from WE
tODW
35
ns
5
Output Active from WE
tOEW
5ns
5
Data Setup Time
tDS
60
ns
4
Data Hold Time
tDH1
tDH2
0
20
ns
ns
12
13


Similar Part No. - DS1230W-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230W-100++ MAXIM-DS1230W-100+ Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS1230W-100IND++ MAXIM-DS1230W-100IND+ Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
More results

Similar Description - DS1230W-100

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1330W MAXIM-DS1330W Datasheet
224Kb / 10P
   3.3V 256k Nonvolatile SRAM with Battery Monitor
19-5590; Rev 10/10
logo
Dallas Semiconductor
DS1230Y DALLAS-DS1230Y Datasheet
213Kb / 12P
   256k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230Y-120 MAXIM-DS1230Y-120 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
logo
Dallas Semiconductor
DS1230Y DALLAS-DS1230Y_10 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
DS1330W DALLAS-DS1330W Datasheet
107Kb / 11P
   3.3V 256K Nonvolatile SRAM with Battery Monitor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com