Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1100Z-20 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part No. DS1100Z-20
Description  5-Tap Economy Timing Element Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1100Z-20 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1100Z-20 Datasheet HTML 1Page - Dallas Semiconductor DS1100Z-20 Datasheet HTML 2Page - Dallas Semiconductor DS1100Z-20 Datasheet HTML 3Page - Dallas Semiconductor DS1100Z-20 Datasheet HTML 4Page - Dallas Semiconductor DS1100Z-20 Datasheet HTML 5Page - Dallas Semiconductor DS1100Z-20 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
091202
FEATURES
§ All-Silicon Timing Circuit
§ Five Taps Equally Spaced
§ 5V Operation
§ Delays are Stable and Precise
§ Both Leading- and Trailing-Edge Accuracy
§ Improved Replacement for DS1000
§ Low-Power CMOS
§ TTL/CMOS-Compatible
§ Vapor-Phase, IR, and Wave Solderable
§ Custom Delays Available
§ Fast-Turn Prototypes
§ Delays Specified Over Both Commercial and
Industrial Temperature Ranges
PIN ASSIGNMENT
PIN DESCRIPTION
TAP 1 to TAP 5
- TAP Output Number
VCC
- +5V
GND
- Ground
IN
- Input
DESCRIPTION
The DS1100 series delay lines have five equally spaced taps providing delays from 4ns to 500ns. These
devices are offered in 8-pin DIPs and surface-mount packages to save PC board area. Low cost and
superior reliability over hybrid technology is achieved by the combination of a 100% silicon delay line
and industry-standard DIP and SO packaging. The DS1100 5-tap silicon delay line reproduces the input-
logic state at the output after a fixed delay as specified by the extension of the part number after the dash.
The DS1100 is designed to reproduce both leading and trailing edges with equal precision. Each tap is
capable of driving up to ten 74LS loads.
Dallas Semiconductor can customize standard products to meet special needs.
DS1100
5-Tap Economy Timing
Element (Delay Line)
www.maxim-ic.com
1
2
3
4
8
7
6
5
VCC
TAP 1
TAP 3
TAP 5
IN
TAP 2
TAP 4
GND
DS1100M DIP (300mil)
DS1100Z SO (150mil)
DS1100U µSOP


Similar Part No. - DS1100Z-20

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1100 MAXIM-DS1100 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
MTU Onsite Energy Corporation
MTU Onsite Energy Corpo...
DS1100D5S MTU-DS1100D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
Dallas Semiconductor
Dallas Semiconductor
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
Maxim Integrated Products
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
DS1100L MAXIM-DS1100L Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
More results

Similar Description - DS1100Z-20

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1100L_1110 MAXIM-DS1100L_1110 Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
Dallas Semiconductor
Dallas Semiconductor
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
Maxim Integrated Products
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L_V01 Datasheet
546Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
19-5736 ; Rev 7/15
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
DS1100L MAXIM-DS1100L_11 Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
Dallas Semiconductor
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
Maxim Integrated Products
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
List of Unclassifed Manufacturers
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
Dallas Semiconductor
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz