Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP9 Datasheet(PDF) 11 Page - International Rectifier

Part # IRAUDAMP9
Description  1.7 kW / 2-廓 Single Channel Class D Audio Power Amplifier Using the IRS2092S and IRFB4227
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP9 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRAUDAMP9 Datasheet HTML 7Page - International Rectifier IRAUDAMP9 Datasheet HTML 8Page - International Rectifier IRAUDAMP9 Datasheet HTML 9Page - International Rectifier IRAUDAMP9 Datasheet HTML 10Page - International Rectifier IRAUDAMP9 Datasheet HTML 11Page - International Rectifier IRAUDAMP9 Datasheet HTML 12Page - International Rectifier IRAUDAMP9 Datasheet HTML 13Page - International Rectifier IRAUDAMP9 Datasheet HTML 14Page - International Rectifier IRAUDAMP9 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
www.irf.com
IRAUDAMP9 REV 1.0
Page 11 of 39
signal shifts the average value of this quadratic waveform (through gain relationship between R52
/ R46 ratio) so that the duty varies according to the instantaneous value of the analog input signal.
The IRS2092S input comparator processes the signal to create the required PWM signal. This
PWM signal is internally level-shifted down to the negative supply rail where it is split into two
signals, with opposite polarity and added dead time, for high-side and low-side MOSFET gate
signals, respectively. The IRS2092S drives 2 pairs of IRFB4227 TO-220 MOSFETs in the power
stage to provide the amplified PWM waveform. The amplified analog output is re-created by
demodulating the amplified PWM. This is done by means of the LC low-pass filter (LPF) formed by
L4 and C34, which filters out the switching carrier signal.
Gate Driver Buffer Stage
High power designs such as IRAUDAMP9 that use multiple mosfets in parallel connection to
handle large amount of switching current often require far more than +/-1A drive current even for a
brief moment due to mosfets’ gate drive requirement (high total gate charge, Qg). In order to
facilitate this high drive current, a buffer stage is devised to source and sink this high gate charge.
This stage consists of NPN-PNP BJT transistors in totem pole configuration. It serves as a high-
speed buffer amplifier that receives input from IRS2092S HO / LO to drive the power mosfet stage
through Rg (1A,1B,2A,2B) for low side mosfets Q4(A,B) and for high-side Q3 (A,B) mosfets.
Theoretically, the switching time is reduced by such amount (hfe) as compared to that high-Qg
design that uses the divided output current capacity of the driver IC. This buffering action is very
necessary to speed-up the switching times of each mosfets in order not to exceed the OCP
voltage monitor time. The IC commences drain-to-source voltage monitoring as soon as the HO /
LO go to high state but after the leading edge blanking time.
+B
Czobel
Rzobel
-B
Q3A
Q4A
Q3B
Q4B
Q1p
Q2p
Q1n
Q2n
Cvcc2
Cvcc1
VB
Rg2A
Rgs4A
Rg2B
Rgs4B
Rg1A
Rg1B
Rgs3A
Rgs3B
Cbus filter
HO
LO
RLoad
Cout filter
L out filter
Vs
GND
-B
Vout
VCC
Fig. 8 Simplified diagram for gate-buffering of 2 x IRFB4227 mosfets
BJT buffer
Low side
BJT buffer
Hi-side


Similar Part No. - IRAUDAMP9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5 Datasheet
2Mb / 49P
   120W x 2 Channel Class D Audio Power Amplifier Using the IRS2092S and IRF6645
IRAUDAMP21 IRF-IRAUDAMP21 Datasheet
820Kb / 22P
   90W/2廓 x 2 Channel Class D Audio Power Amplifier Using the IR4321
IRAUDAMP22 IRF-IRAUDAMP22 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier Using the IR4322
RAUDAMP7S IRF-RAUDAMP7S Datasheet
821Kb / 43P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092S Protected Digital Audio Driver
IRAUDAMP7S IRF-IRAUDAMP7S Datasheet
821Kb / 42P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092S Protected Digital Audio Driver
IRAUDAMP8 IRF-IRAUDAMP8 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier Using the IRS2093M and IRF6665
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP3 IRF-IRAUDAMP3 Datasheet
3Mb / 40P
   120W x 6 Channel Class D Audio Power Amplifier using IRS20124S and IRF6645
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com