Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP9 Datasheet(PDF) 10 Page - International Rectifier

Part # IRAUDAMP9
Description  1.7 kW / 2-廓 Single Channel Class D Audio Power Amplifier Using the IRS2092S and IRFB4227
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP9 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRAUDAMP9 Datasheet HTML 6Page - International Rectifier IRAUDAMP9 Datasheet HTML 7Page - International Rectifier IRAUDAMP9 Datasheet HTML 8Page - International Rectifier IRAUDAMP9 Datasheet HTML 9Page - International Rectifier IRAUDAMP9 Datasheet HTML 10Page - International Rectifier IRAUDAMP9 Datasheet HTML 11Page - International Rectifier IRAUDAMP9 Datasheet HTML 12Page - International Rectifier IRAUDAMP9 Datasheet HTML 13Page - International Rectifier IRAUDAMP9 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
www.irf.com
IRAUDAMP9 REV 1.0
Page 10 of 39
IRAUDAMP9 Overview
The IRAUDAMP9 features a single-channel self-oscillating PWM modulator. This topology results
in the lowest component count, highest performance and robust design. It represents an analog
version of a second-order sigma-delta modulation having a Class D switching stage inside the
loop. The benefit of the sigma-delta modulation, in comparison to the carrier-signal based
modulation, is that all the error in the audible frequency range is shifted to the inaudible upper-
frequency range by nature of its operation. Also, sigma-delta modulation allows a designer to
apply a sufficient amount of error correction.
The IRAUDAMP9 self-oscillating topology incorporates the following functional blocks.
• Front-end integrator
• PW Modulator and Level shifters
• Gate driver and buffer
• Power MOSFETs
• Output LPF
+
-
AGND
.
.
AGND
AGND
GNDD
AGND
Rin
IN-
AGND
COMP
.
Rfb filter
Rss
AGND
-VSS
AGND
+VAA
IRS2092S
LO
VS
VCC
VB
GNDD
0V
0V
AGND
Raa
HO
Cout
R-FB
Css
Integrator
COM
Modulator
and
Shift level
GND
0V
0V
LP Filter
L-out
Caa
+B
+VCC
-B
INPUT
Q3A
IRFB4227
Q2
pnp
Q2n
npn
Rgate
Cfb filter
pF
Q4A
IRFB4227
Q1p
pnp
Q1n
npn
Rgate
C1integrator
pF
C2integrator
nF
Hi-side buffer
Lo-side buffer
Q3B
IRFB4227
Q4B
IRFB4227
Rgate
Rgate
Green
Red
LEDs
RESET
Trip
OVP / UVP
(TO-220
Case Temp.)
OTP
DCP
D
CSD
Vo
Vs
Heatsink
HOPS
Fig. 7 Functional block diagram
Functional Description
Class-D Operation
The C2integrator, C1integrator, R21 + potentiometer P1 form a front-end second-order integrator. This
integrator receives a rectangular feedback signal from the Class D switching stage and outputs a
quadratic oscillatory waveform as a carrier signal. To create the modulated PWM signal, the input


Similar Part No. - IRAUDAMP9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5 Datasheet
2Mb / 49P
   120W x 2 Channel Class D Audio Power Amplifier Using the IRS2092S and IRF6645
IRAUDAMP21 IRF-IRAUDAMP21 Datasheet
820Kb / 22P
   90W/2廓 x 2 Channel Class D Audio Power Amplifier Using the IR4321
IRAUDAMP22 IRF-IRAUDAMP22 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier Using the IR4322
RAUDAMP7S IRF-RAUDAMP7S Datasheet
821Kb / 43P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092S Protected Digital Audio Driver
IRAUDAMP7S IRF-IRAUDAMP7S Datasheet
821Kb / 42P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092S Protected Digital Audio Driver
IRAUDAMP8 IRF-IRAUDAMP8 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier Using the IRS2093M and IRF6665
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP3 IRF-IRAUDAMP3 Datasheet
3Mb / 40P
   120W x 6 Channel Class D Audio Power Amplifier using IRS20124S and IRF6645
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com