Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3810MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3810MPBF
Description  HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3810MPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3810MPBF Datasheet HTML 1Page - International Rectifier IR3810MPBF Datasheet HTML 2Page - International Rectifier IR3810MPBF Datasheet HTML 3Page - International Rectifier IR3810MPBF Datasheet HTML 4Page - International Rectifier IR3810MPBF Datasheet HTML 5Page - International Rectifier IR3810MPBF Datasheet HTML 6Page - International Rectifier IR3810MPBF Datasheet HTML 7Page - International Rectifier IR3810MPBF Datasheet HTML 8Page - International Rectifier IR3810MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
11/04/08
4
PD-60344
IR3810MPbF
Pin Description
Pins 4, 5 and 15 need to be connected together on system board.
Pin
Name
Description
1
Vp
Non-inverting input of error amplifier. This pin can be used for tracking application.
2
Fb
Inverting input to the error amplifier. This pin is connected directly to the output of
the regulator via resistor divider to set the output voltage and provide feedback to
the error amplifier.
3
Comp
Output of error amplifier. An external resistor and capacitor network is typically
connected from this pin to ground to provide loop compensation.
4
AGnd
Signal ground for internal reference and control circuitry.
5
AGnd
Signal ground for internal reference and control circuitry.
6
SS/SD
Soft start / shutdown. This pin provides user programmable soft-start function.
Connect an external capacitor from this pin to ground to set the start up time of the
output voltage. The converter can be shutdown by pulling this pin below 0.3V.
7
OCSet
Current limit set point. A resistor from this pin to SW pin will set the current limit
threshold.
8
V
CC
This pin powers the internal IC as well as low side driver. A minimum of 0.1uF high
frequency capacitor must be connected from this pin to the power ground.
9
Vref
External reference voltage. Drive capability for this pin is 2
μA.
10
PGnd
Power Ground. This pin serves as a separated ground for the MOSFET drivers and
should be connected to the system’s power ground plane.
11
SW
Switch node. This pin is connected to the output inductor
12
V
IN
Input voltage connection pin
13
HG
This pin is connected to the high side gate driver. Connect a small capacitor from
this pin to switch node (SW).
14
V
C
This pin powers the high side driver and must be connected to a voltage higher than
input voltage. A minimum of 0.1uF high frequency capacitor must be connected
from this pin to the power ground for the charge-pump high side drive scheme.
15
AGnd
Signal ground for internal reference and control circuitry.


Similar Part No. - IR3810MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3810MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MPBF IRF-IR3876MPBF Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com