Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3810MTR1PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3810MTR1PBF
Description  HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3810MTR1PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3810MTR1PBF Datasheet HTML 5Page - International Rectifier IR3810MTR1PBF Datasheet HTML 6Page - International Rectifier IR3810MTR1PBF Datasheet HTML 7Page - International Rectifier IR3810MTR1PBF Datasheet HTML 8Page - International Rectifier IR3810MTR1PBF Datasheet HTML 9Page - International Rectifier IR3810MTR1PBF Datasheet HTML 10Page - International Rectifier IR3810MTR1PBF Datasheet HTML 11Page - International Rectifier IR3810MTR1PBF Datasheet HTML 12Page - International Rectifier IR3810MTR1PBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
11/04/08
9
PD-60344
IR3810MPbF
Soft-Start
The IR3810 has programmable soft-start to
control the output voltage rise and limit the inrush
current during start-up.
To
ensure
correct
start-up,
the
soft-start
sequence initiates when Vcc and Vc rise above
their threshold and generate the Power On
Ready (POR) signal. The soft-start function
operates by sourcing current to charge an
external capacitor to about 3V.
Initially, the soft-start function clamps the output
of error amplifier by injecting a current (40uA)
into the Fb pin and generates a voltage about
0.96V (40ux24K) across the negative input of
error amplifier (see figure 5).
The magnitude of the injected current is inversely
proportional to the voltage at the soft-start pin. As
the soft-start voltage ramps up, the injected
current decreases linearly and so does the
voltage at negative input of error amplifier.
When the soft-start capacitor is around 1V, the
voltage at the positive input of the error amplifier
is approximately 0.6V.
The output of error amplifier will start increasing
and generating the first PWM signal. As the soft-
start capacitor voltage continues to rise up, the
current
flowing
into
the
Fb
pin
will keep
decreasing.
The feedback voltage increases linearly as the
soft start voltage ramps up. When soft-start
voltage is around 2V, the output voltage reaches
the steady state and the injected current is zero.
Figure
6
shows
the
theoretical
operating
waveforms during soft-start.
The output voltage start-up time is the time
period
when
soft-start
capacitor
voltage
increases from 1V to 2V.
The start-up time will be dependent on the size of
the external soft-start capacitor and can be
estimated by:
Fig. 5: Soft-Start circuit for IR3810
Fig. 6: Theoretical operation waveforms
during soft-start
20uA
40uA
POR
Error Amp
SS/SD
Fb
Comp
24K
0.6V
24K
3V
Soft-Start
Voltage
Voltage at negative input
of Error Amp
Voltage at Fb pin
Current flowing
into Fb pin
40uA
0uA
0V
0.6V
0.96V
0.6V
0V
3V
2V
1V
Output of UVLO
POR
For a given start-up time, the soft-start capacitor
can be estimated as:
V
1
V
2
C
T
μA
20
ss
start
=
)
1
--(
ms
T
A
20
C
start
SS
)
(
*
μ


Similar Part No. - IR3810MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3810MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MPBF IRF-IR3876MPBF Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com