Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1217M4-25 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1217M4-25
Description  Nonvolatile Read/Write Cartridge
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1217M4-25 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1217M4-25 Datasheet HTML 1Page - Dallas Semiconductor DS1217M4-25 Datasheet HTML 2Page - Dallas Semiconductor DS1217M4-25 Datasheet HTML 3Page - Dallas Semiconductor DS1217M4-25 Datasheet HTML 4Page - Dallas Semiconductor DS1217M4-25 Datasheet HTML 5Page - Dallas Semiconductor DS1217M4-25 Datasheet HTML 6Page - Dallas Semiconductor DS1217M4-25 Datasheet HTML 7Page - Dallas Semiconductor DS1217M4-25 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS1217M
Nonvolatile Read/Write Cartridge
DS1217M
030598 1/8
FEATURES
User-insertable
Data retention greater than 5 years
Capacity up to 512K x 8
Standard bytewide pinout facilitates connection to
JEDEC 28-pin DIP via ribbon cable
Software-controlled banks maintain 32 x 8 JEDEC
28-pin compatibility
Multiple cartridges can reside on a common bus
Automatic write protection circuitry safeguards
against data loss
Manual switch unconditionally protects data
Compact size and shape
Rugged and durable
Wide operating temperature range of 0°C to 70°C
PIN ASSIGNMENT
3”
A1
B1
Ground
+5 Volts
Write Enable
Address 13
Address 8
Address 9
Address 11
Output Enable
Address 10
Cartridge Enable
Data I/O 7
Data I/O 6
Data I/O 5
Data I/O 4
Data I/O 3
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
No Connect
Address 14
Address 12
Address 7
Address 6
Address 5
Address 4
Address 3
Address 2
Address 1
Address 0
Data I/O 0
Data I/O 1
Data I/O 2
Ground
N
Name
Position
Name
See Mech. Drawings Section
DESCRIPTION
The DS1217M is a nonvolatile RAM designed for porta-
ble applications requiring a rugged and durable pack-
age. The Nonvolatile Cartridge has memory capacities
from 64K x 8 to 512K x 8. The cartridge is accessed in
continuous 32K byte banks. Bank switching is accom-
plished under software control by pattern recognition
from the address bus. A card edge connector is required
for connection to a host system. A standard 30-pin con-
nector can be used for direct mount to a printed circuit
board. Alternatively, remote mounting can be accom-
plished with a ribbon cable terminated with a 28-pin DIP
plug. The remote method can be used to retrofit existing
systems which have JEDEC 28-pin bytewide memory
sites.


Similar Part No. - DS1217M4-25

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1217M DALLAS-DS1217M Datasheet
212Kb / 8P
   Nonvolatile Read/Write Cartridge
logo
Maxim Integrated Produc...
DS1217M MAXIM-DS1217M Datasheet
212Kb / 8P
   Nonvolatile Read/Write Cartridge
REV: 111803
logo
Dallas Semiconductor
DS1217M DALLAS-DS1217M_03 Datasheet
212Kb / 8P
   Nonvolatile Read/Write Cartridge
More results

Similar Description - DS1217M4-25

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1217M DALLAS-DS1217M_03 Datasheet
212Kb / 8P
   Nonvolatile Read/Write Cartridge
DS1217A DALLAS-DS1217A Datasheet
76Kb / 8P
   Nonvolatile Read/Write Cartridge
logo
Maxim Integrated Produc...
DS1217A MAXIM-DS1217A Datasheet
428Kb / 10P
   Nonvolatile Read/Write Cartridge
DS1217M MAXIM-DS1217M Datasheet
212Kb / 8P
   Nonvolatile Read/Write Cartridge
REV: 111803
DS1992 MAXIM-DS1992_11 Datasheet
172Kb / 17P
   1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
   READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
   Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
   Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com