Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS1021SPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IPS1021SPBF
Description  INTELLIGENT POWER LOW SIDE SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS1021SPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IPS1021SPBF Datasheet HTML 2Page - International Rectifier IPS1021SPBF Datasheet HTML 3Page - International Rectifier IPS1021SPBF Datasheet HTML 4Page - International Rectifier IPS1021SPBF Datasheet HTML 5Page - International Rectifier IPS1021SPBF Datasheet HTML 6Page - International Rectifier IPS1021SPBF Datasheet HTML 7Page - International Rectifier IPS1021SPBF Datasheet HTML 8Page - International Rectifier IPS1021SPBF Datasheet HTML 9Page - International Rectifier IPS1021SPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IPS1021(S)(R)PbF
Figure 5 – Normalized Rds(on) (%) Vs Input
voltage (V)
Vin, input voltage (V)
50%
100%
150%
200%
-50
0
50
100
150
Tj, junction temperature (°C)
Vin, input voltage (V)
Tj, junction temperature (°C)
0%
50%
100%
150%
200%
012
3
456
Figure 6 - Normalized Rds(on) (%) Vs Tj (°C)
0%
20%
40%
60%
80%
100%
120%
140%
-50
0
50
100
150
0
5
10
15
20
25
30
35
40
01
23
4
5
I limit
I shutdown
6
Figure 7 – Current limitation and current
shutdown Vs Input voltage (V)
Figure 8 – Normalized I shutdown (%) Vs
junction temperature (°C)
www.irf.com
6


Similar Part No. - IPS1021SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS1021S IRF-IPS1021S Datasheet
193Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - IPS1021SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
logo
International Rectifier
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS1025R INFINEON-AUIPS1025R Datasheet
449Kb / 15P
   INTELLIGENT POWER LOW SIDE SWITCH
Rev 1.1 2016-3-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com