Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1220AB Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1220AB
Description  16k Nonvolatile SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1220AB Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1220AB Datasheet HTML 1Page - Dallas Semiconductor DS1220AB Datasheet HTML 2Page - Dallas Semiconductor DS1220AB Datasheet HTML 3Page - Dallas Semiconductor DS1220AB Datasheet HTML 4Page - Dallas Semiconductor DS1220AB Datasheet HTML 5Page - Dallas Semiconductor DS1220AB Datasheet HTML 6Page - Dallas Semiconductor DS1220AB Datasheet HTML 7Page - Dallas Semiconductor DS1220AB Datasheet HTML 8Page - Dallas Semiconductor DS1220AB Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DS1220AB/AD
3 of 9
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0°C to 70°C; -40°C to +85°C for IND parts
Storage Temperature
-40°C to +70°C; -40°C to +85°C for IND parts
Soldering Temperature
260°C for 10 seconds
∗ This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS 1220AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS 1220AD Power Supply Voltage
VCC
4.50
5.0
5.50
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
+0.8
V
(VCC =5V
± 5% for DS1220AB)
(TA: See Note 10)
DC ELECTRICAL CHARACTERISTICS
(VCC =5V
± 10% for DS1220AD)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current
CE
≥ V
IH
≤ V
CC
IIO
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE = 2.2V
ICCS1
5.0
10.0
mA
Standby Current CE = VCC-0.5V
ICCS2
3.0
5.0
mA
Operating Current tCYC=200 ns
(Commercial)
ICC01
75
mA
Operating Current tCYC=200ns
(Industrial)
ICCO1
85
mA
Write Protection Voltage
(DS1220AB)
VTP
4.5
4.62
4.75
V
Write Protection Voltage
(DS1220AD)
VTP
4.25
4.37
4.5
V
CAPACITANCE
(TA =25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF
Input/Output Capacitance
CI/O
512
pF


Similar Part No. - DS1220AB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1220AB DALLAS-DS1220AB Datasheet
207Kb / 8P
   16k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AB MAXIM-DS1220AB Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
DS1220AB-100 MAXIM-DS1220AB-100 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
DS1220AB-100++ MAXIM-DS1220AB-100+ Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
logo
Dallas Semiconductor
DS1220AB-100-IND DALLAS-DS1220AB-100-IND Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
More results

Similar Description - DS1220AB

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AD-150 MAXIM-DS1220AD-150 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
DS1220Y MAXIM-DS1220Y Datasheet
207Kb / 9P
   16k Nonvolatile SRAM
19-5579; Rev 10/10
DS1220AB MAXIM-DS1220AB Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
19-5580; Rev 10/10
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1220AD-100 MAXIM-DS1220AD-100 Datasheet
201Kb / 8P
   16k Nonvolatile SRAM
Rev 10/10
logo
Dallas Semiconductor
DS1220AB DALLAS-DS1220AB_10 Datasheet
207Kb / 8P
   16k Nonvolatile SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com