Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD-400-102 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSD-400-102
Description  Engineering Update w/o Changes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD-400-102 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSD-400-102 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
0.50 [12.7mm]
SDC SERIES
SSD SERIES
0.176
+0.003
-0.001
Ø.180
+.003
-.001
0.225
+0.003
-0.001
B
Recommended Mounting Holes
0.31 [7.9mm]
SW
0.125 [3.2mm]
0.075 [1.9mm]
0.170 [4.3mm]
0.175 [4.4mm]
0.125 [3.2mm]
TYP.
TYP.
A
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
STANDARD TOLERANCE
( UNLESS OTHERWISE SPECIFIED )
David Green
M. Chen
CHECKED:
.XX
± .01
.XXX
± .005
.X
± .1
DECIMALS
DESIGNED:
SSD-XXX-XXX
F
11/26/02
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
CAGE CODE : 32559
11/26/02
DATE:
1
1
SHEET #
OF
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
INTERCHANGEABLE SNAP-IN CARD GUIDE
PART NO:
TITLE:
± 1°
ANGULAR
DATE:
®
REVISION:
Engineering Update w/o Changes
REV.
F
03/01/04
DESCRIPTION
DATE
APPROVED
M. C.
B
±.016 (.4)
1.5 (38.1)
2.0 (50.8)
2.5 (63.5)
4.0 (101.6)
3.5 (88.9)
3.0 (76.2)
5.0 (127.0)
5.5 (139.7)
4.5 (114.3)
6.5 (165.1)
7.0 (177.8)
6.0 (152.4)
3.0 (76.2)
A
±.032 (.8)
PART
NO.
SSD-450 3X
SSD-350
SSD-300
SSD-250
SSD-650
SSD-600
SSD-550
SSD-500
SSD-450
SSD-700
SSD-750
SSD-800
SSD-400
SDC-600
SW=0.075 (1.9)
SDC-800
SDC-750
SDC-700
SDC-650
SDC-400
SDC-550
SDC-500
SDC-450
N/A
SDC-350
SDC-300
SDC-250
SSD-600-102
6.0 (152.4)
SW=0.102 (2.6)
SSD-650-102
SSD-700-102
SSD-750-102
SSD-800-102
6.5 (165.1)
7.5 (190.5)
8.0 (203.2)
7.0 (177.8)
SSD-400-102
N/A
SSD-550-102
SSD-500-102
SSD-450-102
SSD-350-102
SSD-300-102
SSD-250-102
4.0 (101.6)
5.0 (127.0)
4.5 (114.3)
4.5 (114.3)
5.5 (139.7)
3.0 (76.2)
3.5 (88.9)
2.5 (63.5)
2. MATERIAL: NYLON 6/6, 94V-2, NATURAL. BIVAR MATERIAL CODE 03-NL.
BASF ULTRAMID NYLON 6/6 A3K NATURAL.
TYP.
±0.005
SDC-XXX


Similar Part No. - SSD-400-102

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SSD-115-G-05 SAMTEC-SSD-115-G-05 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
logo
Cisco Systems, Inc.
SSD-120G CISCO-SSD-120G Datasheet
1Mb / 52P
   Cisco Catalyst 9500 Series Switches
2023
logo
List of Unclassifed Man...
SSD-25080 ETC2-SSD-25080 Datasheet
468Kb / 1P
   ETX CPU Module for Scalable and Time-efficient Customization
logo
Seoul Semiconductor
SSD-D3264DM SEOUL-SSD-D3264DM Datasheet
1Mb / 9P
   LED DOT MATRIX MODULE
SSD-D4080SM_BLUE SEOUL-SSD-D4080SM_BLUE Datasheet
1Mb / 9P
   16Dot*32Dot LED DOT MATRIX
More results

Similar Description - SSD-400-102

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
QG80331M500SL9BE INTEL-QG80331M500SL9BE Datasheet
804Kb / 67P
   Intel 80331 I/O Processor Specification Update
QG80333M500SL8CC INTEL-QG80333M500SL8CC Datasheet
525Kb / 48P
   Intel 80333 I/O Processor Specification Update
N82802AB8 INTEL-N82802AB8 Datasheet
70Kb / 12P
   Specification Update
logo
PHOENIX CONTACT
1405221 PHOENIX-1405221 Datasheet
88Kb / 1P
   TECHNICAL CHANGES RESERVED
1404984 PHOENIX-1404984 Datasheet
61Kb / 1P
   TECHNICAL CHANGES RESERVED
logo
Tyco Electronics
C-1513168 MACOM-C-1513168 Datasheet
86Kb / 1P
   update pn identification
logo
PHOENIX CONTACT
1404974 PHOENIX-1404974 Datasheet
105Kb / 1P
   TECHNICAL CHANGES RESERVED
logo
Laird Tech Smart Techno...
BTM420 LSTD-BTM420 Datasheet
1Mb / 21P
   Changes and Revisions
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
   Product/Process Bulletin Update
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com