Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1216B Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1216B
Description  SmartWatch RAM DS1216B/C/D/H SmartWatch ROM DS1216E/F
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1216B Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1216B Datasheet HTML 4Page - Dallas Semiconductor DS1216B Datasheet HTML 5Page - Dallas Semiconductor DS1216B Datasheet HTML 6Page - Dallas Semiconductor DS1216B Datasheet HTML 7Page - Dallas Semiconductor DS1216B Datasheet HTML 8Page - Dallas Semiconductor DS1216B Datasheet HTML 9Page - Dallas Semiconductor DS1216B Datasheet HTML 10Page - Dallas Semiconductor DS1216B Datasheet HTML 11Page - Dallas Semiconductor DS1216B Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DS1216
8 of 13
ABSOLUTE MAXIMUM RATINGS*
Voltage Range on any Pin Relative to Ground
-0.3V to +7.0V for 5V
Operating Temperature Range
0°C to +70°C
Storage Temperature Range
-40°C to +70°C
Soldering Temperature Range
See J-STD-020A Specification (Note 6)
* This is a stress rating only and functional operation of the device at these or any other conditions
beyond those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time can affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC Pin 5V Supply
VCC
4.5
5.0
5.5
V
1
Logic 1
VIH
2.2
VCC + 0.3
V
8
Logic 0
VIL
-0.3
+0.8
V
8
DC ELECTRICAL CHARACTERISTICS
(0
°C to +70°C; VCC = 5.0 ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC Supply
ICCI
5
mA
1, 2,3
VCC Supply Voltage
(ICCO = 80mA)
VCCO1(U)
VCC - 0.2
V
1, 6
Input Leakage
IIL
-1.0
+1.0
mA
2,8,13
Output Logic 1 Voltage
(IOUT = -1.0mA)
VOH
2.4
V
Output Logic 1 Voltage
(IOUT = -1.0mA)
VOL
0.4
V
Write Protection Voltage
VTP
4.25
4.5
V
BACKUP POWER CHARACTERISTICS
(0
°C to +70°C; VCC < VTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
CE Output
VOH(L)
VBAT - 0.2
V
1
VCC Supply Voltage
(ICCO = 10µA)
VCCO2(U)
VBAT - 0.2
V
1, 6,14
RAM VCC (Battery) Voltage
VBAT
2
3
3.6
V
1,15
Recovery at Power-Up
tREC
2ms
VCC Slew Rate fall
tF
0
ms
CE Pulse Width
tCE
1.5
ms
5


Similar Part No. - DS1216B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1216B MAXIM-DS1216B Datasheet
666Kb / 15P
   SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Rev 11/11
More results

Similar Description - DS1216B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1216 MAXIM-DS1216 Datasheet
666Kb / 15P
   SmartWatch RAM (DS1216B/C/D/H); SmartWatch ROM (DS1216E/F)
Rev 11/11
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
   ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
   ADAPTER, F-F, C
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com