Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44441-2003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44441-2003
Description  7.50mm Pitch Sabre??Receptacle Crimp Housing, UL 94V-0, 3 Circuits, Glow Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

44441-2003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44441-2003 Datasheet HTML 1Page - Molex Electronics Ltd. 44441-2003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panel Mount
No
Pitch - Mating Interface
7.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +75°C
Electrical
Current - Maximum per Contact
18A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-44441-001
Sales Drawing
SD-44441-*003
This document was generated on 01/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 44441-2003

ManufacturerPart #DatasheetDescription
logo
MolexKits
44441-2003 MOLEXKITS-44441-2003 Datasheet
39Kb / 3P
   Free Hanging Plug and Receptacle
44441-2003 MOLEXKITS-44441-2003 Datasheet
22Kb / 3P
   Plugs, Receptacles
More results

Similar Description - 44441-2003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44441-2005 MOLEX11-44441-2005 Datasheet
60Kb / 2P
   7.50mm Pitch Sabre??Receptacle Crimp Housing, UL 94V-0, 5 Circuits, Glow Wire
44441-2006 MOLEX11-44441-2006 Datasheet
60Kb / 2P
   7.50mm Pitch Sabre??Receptacle Crimp Housing, UL 94V-0, 6 Circuits, Glow Wire
44441-2002 MOLEX11-44441-2002 Datasheet
60Kb / 2P
   7.50mm Pitch Sabre??Receptacle Crimp Housing, UL 94V-0, 2 Circuits, Glow Wire
44441-2004 MOLEX11-44441-2004 Datasheet
60Kb / 2P
   7.50mm Pitch Sabre??Receptacle Crimp Housing, UL 94V-0, 4 Circuits, Glow Wire
43680-2003 MOLEX11-43680-2003 Datasheet
52Kb / 2P
   7.50mm Pitch Sabre Plug Crimp Housing, UL 94V-0, 3 Circuits, Glow Wire Compatible
43680-2002 MOLEX11-43680-2002 Datasheet
52Kb / 2P
   7.50mm Pitch Sabre Plug Crimp Housing, UL 94V-0, 2 Circuits, Glow Wire Compatible
43680-2005 MOLEX11-43680-2005 Datasheet
52Kb / 2P
   7.50mm Pitch Sabre Plug Crimp Housing, UL 94V-0, 5 Circuits, Glow Wire Compatible
43680-2004 MOLEX11-43680-2004 Datasheet
52Kb / 2P
   7.50mm Pitch Sabre Plug Crimp Housing, UL 94V-0, 4 Circuits, Glow Wire Compatible
1726722003 MOLEX1-1726722003 Datasheet
38Kb / 1P
   7.50mm Pitch Super Sabre Receptacle Crimp Housing, UL 94V-0, 3 Circuits
172672-2003 MOLEX11-172672-2003 Datasheet
33Kb / 1P
   7.50mm Pitch Super Sabre??Receptacle Crimp Housing, UL 94V-0, 3 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com