Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5351A-A-GU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # Si5351A-A-GU
Description  Factory-Programmable Any-Frequency CMOS Clock Generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Si5351A-A-GU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  Si5351A-A-GU Datasheet HTML 1Page - List of Unclassifed Manufacturers Si5351A-A-GU Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2010 by Silicon Laboratories
10.20.10
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si5350/51
Factory-Programmable Any-Frequency CMOS Clock Generator
Example Application—Personal Video Recorder/Blu-Ray Player
Product Family Matrix
Ethernet
PHY
USB
Controller
Audio/
Video
DSP
Analog
Audio
Component
Video
Audio
ADC
Video
ADC
Y
Pb
Pr
R
L
CLK4
27 MHz
XA
XB
CLK3
Si5350A
HDD
Storage
74.25MHz
24.576MHz
27MHz
HDMI
I/F
Audio/
Video
DAC
Amp
74.25MHz
48 MHz
25/125MHz
Y
Pb
Pr
R
L
Function
Control
Input(s)
Outputs/ Pkg
Part Number
Use
Free-running
clock
generator1
Pin
25, 27 MHz
xtal
3 (10-MSOP)
Si5350A-A-GT
Field-
programming2
8 (24-QSOP)
Si5350A-A-GU
8 (20-QFN)
Si5350A-A-GM
I2C
3 (10-MSOP)
Si5351A-A-GT
In-circuit
configurable
8 (24-QSOP)
Si5351A-A-GU
8 (20-QFN)
Si5351A-A-GM
Free-running
clock
generator+
VCXO1
Pin
25, 27 MHz
xtal + analog
control
voltage
8 (24-QSOP)
Si5350B-A-GU
Field-
programming2
8 (20-QFN)
Si5350B-A-GM
3 (10-MSOP)
Si5350B-A-GT
I2C
8 (24-QSOP)
Si5351B-A-GU
In-circuit
configurable
8 (20-QFN)
Si5351B-A-GM
Free-running
and/or
synchronous
clock
generator1
Pin
25, 27 MHz
xtal
8 (24-QSOP)
Si5350C-A-GU
Field-
programming2
8 (20-QFN)
Si5350C-A-GM
3 (10-MSOP)
Si5350C-A-GT
I2C
8 (24-QSOP)
Si5351C-A-GU
In-circuit
configurable
8 (20-QFN)
Si5351C-A-GM
Note 1. To order a factory-customized Si5350 (e.g. Si5350A-Axxxxx-GT), use ClockBuilder web-based utility
www.silabs.com/ClockBuilder. Utility assigns unique part number (e.g. Si5350A-A00123-GT)
Note 2. Field programming supported using Silicon Labs development kit


Similar Part No. - Si5351A-A-GU

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5351A-B SKYWORKS-SI5351A-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Silicon Laboratories
SI5351A-B-GM SILABS-SI5351A-B-GM Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5351A-B-GM SILABS-SI5351A-B-GM Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5351A-B-GM SILABS-SI5351A-B-GM Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
More results

Similar Description - Si5351A-A-GU

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com