Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1213B Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1213B
Description  SmartSocket 16k/64k
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1213B Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1213B Datasheet HTML 1Page - Dallas Semiconductor DS1213B Datasheet HTML 2Page - Dallas Semiconductor DS1213B Datasheet HTML 3Page - Dallas Semiconductor DS1213B Datasheet HTML 4Page - Dallas Semiconductor DS1213B Datasheet HTML 5Page - Dallas Semiconductor DS1213B Datasheet HTML 6Page - Dallas Semiconductor DS1213B Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS1213B
5 of 7
TIMING DIAGRAM: POWER-UP
WARNINGS:
Under no circumstances are negative undershoots, of any amplitude, allowed when device is in battery
backup mode.
Water washing for flux removal will discharge internal lithium source because exposed voltage pins
are present.
NOTES:
1. All voltages are referenced to ground.
2. Measured with a load as shown in Figure 1.
3. Pin locations are designated “U” (for upper) when a parameter definition refers to the socket
receptacle and “L” (for lower) when a parameter definition refers to the socket pin.
4. No memory inserted in the socket.
5. Pin 26 L may be connected to VCC or left disconnected at the PC board.
6. IBAT is the maximum load current which a correctly installed memory can use in the data retention
mode and meet data retention expectations of more than 10 years at 25°C.
7. tCE max. must be met to ensure data integrity on power loss.
8. VCC is within nominal limits and a memory is installed in the socket.
9. Input pulse rise and fall times equal 10 ns.


Similar Part No. - DS1213B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1213B DALLAS-DS1213B Datasheet
78Kb / 7P
   SmartSocket 16k/64k
logo
Maxim Integrated Produc...
DS1213B MAXIM-DS1213B Datasheet
78Kb / 7P
   SmartSocket 16k/64k
040601
logo
Dallas Semiconductor
DS1213B DALLAS-DS1213B_01 Datasheet
78Kb / 7P
   SmartSocket 16k/64k
More results

Similar Description - DS1213B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1213B DALLAS-DS1213B_01 Datasheet
78Kb / 7P
   SmartSocket 16k/64k
logo
Maxim Integrated Produc...
DS1213B MAXIM-DS1213B Datasheet
78Kb / 7P
   SmartSocket 16k/64k
040601
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
AL4V183 AVERLOGIC-AL4V183 Datasheet
31Kb / 2P
   16K, 64K-Bit Line FIFO
AL4V93 AVERLOGIC-AL4V93 Datasheet
26Kb / 2P
   16K, 64K-Bit Line FIFO
logo
Dallas Semiconductor
DS1213C DALLAS-DS1213C Datasheet
32Kb / 2P
   SmartSocket 256k
logo
Maxim Integrated Produc...
DS1213C MAXIM-DS1213C Datasheet
37Kb / 2P
   SmartSocket 256k
022900
logo
Integrated Device Techn...
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Cypress Semiconductor
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
logo
Maxim Integrated Produc...
DS1213D MAXIM-DS1213D Datasheet
36Kb / 2P
   SmartSocket 256k/1M
022900
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com