Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1075Z-66 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1075Z-66
Description  EconOscillator/Divider
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075Z-66 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1075Z-66 Datasheet HTML 7Page - Dallas Semiconductor DS1075Z-66 Datasheet HTML 8Page - Dallas Semiconductor DS1075Z-66 Datasheet HTML 9Page - Dallas Semiconductor DS1075Z-66 Datasheet HTML 10Page - Dallas Semiconductor DS1075Z-66 Datasheet HTML 11Page - Dallas Semiconductor DS1075Z-66 Datasheet HTML 12Page - Dallas Semiconductor DS1075Z-66 Datasheet HTML 13Page - Dallas Semiconductor DS1075Z-66 Datasheet HTML 14Page - Dallas Semiconductor DS1075Z-66 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DS1075
11 of 18
HARDWARE
The hardware configuration is shown in the diagram. A bus master is used to read and write data to the
DS1075’s internal registers. The bus master may have either an open-drain or TTL-type architecture.
Figure 11
Programming mode is entered by simply powering up the DS1075 with a pull-up of approximately 5K
W.
This will pull the IN/OUT pin above VIH on power-up and initiate the programming mode, causing the
DS1075 to internally release the IN/OUT pin (after tPOR), and allow the pull-up resistor to pull the pin to
the supply rail and await the Master Tx Reset pulse (see diagram).
NOTE:
To ensure normal operation any external pull-up applied to IN/OUT must be greater than 20K
W in value.
This will cause the IN/OUT pin to remain below VIH on power-up, resulting in normal operation at the
end of tSTAB.
Figure 12


Similar Part No. - DS1075Z-66

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1075 MAXIM-DS1075 Datasheet
133Kb / 1P
   Oscillator Programming/ Evaluation Kit
090302
DS1075 MAXIM-DS1075 Datasheet
125Kb / 2P
   DS1075X-M Crystal Replacement Module
011101
DS1075K MAXIM-DS1075K Datasheet
133Kb / 1P
   Oscillator Programming/ Evaluation Kit
090302
DS1075X-M10 MAXIM-DS1075X-M10 Datasheet
125Kb / 2P
   DS1075X-M Crystal Replacement Module
011101
More results

Similar Description - DS1075Z-66

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com