Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1077Z-100 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part No. DS1077Z-100
Description  EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1077Z-100 Datasheet(HTML) 3 Page - Dallas Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS1077
3 of 21
OVERVIEW
A block diagram of the DS1077 is shown in Figure 1. The DS1077 consists of four major components:
1) Internal Master Oscillator, 2) Prescalers, 3) Programmable Divider, and 4) Control Registers.
The internal oscillator is factory-trimmed to provide a master frequency (Master CLK) that can be routed
directly to the outputs (OUT0 & OUT1) or through separate prescalers (P0 & P1). OUT1 can also be
routed through an additional divider (N).
The Prescaler (P0) divides the Master Clock by 1, 2, 4, or 8 to be routed directly to the OUT0 pin.
The Prescaler (P1) divides the Master Clock by 1, 2, 4, or 8, which can be routed directly to the OUT1 pin
or to the Divider (N) input, which is then routed to the OUT1 pin.
The Programmable Divider (N) divides the Prescaler Output (P1) by any number selected between 2 and
1025 to provide the Main Output (OUT1) or it can be bypassed altogether by use of the DIV1 register bit.
The value of N is stored in the DIV register.
The Control Registers are user-programmable through a 2-wire serial interface to determine operating
frequency (values of P0, P1, & N) and modes of operation. The register values are stored in EEPROM
and therefore only need to be programmed to alter frequencies and operating modes.
PIN DESCRIPTIONS
Output 1 (OUT1)—This pin is the main oscillator output; its frequency is determined by the control
register settings for the prescaler P1 (mode bits 1M1 & 1M0) and divider N (DIV word).
Output 0 (OUT0)—A reference output, OUT0, is taken from the output of the reference select Mux. Its
frequency is determined by the control register settings for CTRL0 and values of Prescaler P0 (mode bits
0M1 & 0M0) (see Table 1).
Control Pin 0 (CTRL0)—A multifunctional input pin that can be selected as a MUX SELECT,
OUTPUT ENABLE and/or a POWER-DOWN. Its function is determined by the user-programmable
control register values EN0, SEL0, and PDN0 (see Table 1).
Control Pin 1 (CTRL1)—A multifunctional input pin that can be selected as a OUTPUT ENABLE
and/or a POWER-DOWN. Its function is determined by the user-programmable control register value of
PDN1 (see Table 2).
Serial Data Input/Output (SDA)—Input/Output pin for the 2-wire serial interface used for data transfer.
Serial Clock Input (SCL)—Input pin for the 2-wire serial interface used to synchronize data movement
on the serial interface.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn