Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1077Z-100 Datasheet(PDF) 20 Page - Dallas Semiconductor

Part No. DS1077Z-100
Description  EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1077Z-100 Datasheet(HTML) 20 Page - Dallas Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
DS1077
20 of 21
TYPICAL OPERATING CHARACTERISTICS (continued)
(VCC = 5.0V, T = +25
°C, unless otherwise specified)
TEMPCO
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
10
20304050
6070
TEMPERATURE (C)
DS1077-133
DS1077-100
DS1077-66
MUX=3040h
DIV=0000h
VOLTCO
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
4.75
4.85
4.95
5.05
5.15
5.25
VOLTAGE (V)
DS1077-133
DS1077-100
DS1077-66
MUX=3040h
DIV=0000h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn