Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1077Z-100 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part No. DS1077Z-100
Description  EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1077Z-100 Datasheet(HTML) 18 Page - Dallas Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
DS1077
18 of 21
TYPICAL OPERATING CHARACTERISTICS
(VCC = 5.0V, T = +25
°C, unless otherwise specified)
SUPPLY CURRENT vs. VOLTAGE
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
4.54.7
4.95.1
5.3
5.5
VOLTAGE (V)
DS1077-133
DS1077-100
DS1077-66
SUPPLY CURRENT vs. DIVISOR (N)
DS1077-133
20
22
24
26
28
30
32
34
0
200
400
600
800
1000
DIVISOR (N)
4.75V
5.0V
5.25V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn