Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1077Z-100 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part No. DS1077Z-100
Description  EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1077Z-100 Datasheet(HTML) 14 Page - Dallas Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DS1077
14 of 21
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Pin Relative to Ground
-0.5V to 6.0V
Operating Temperature Range
-40°C to +85°C
Programming Temperature Range
0
°C to +70°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
DC ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C, VCC = 5V ±5%)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
4.75
5
5.25
V
1
High-Level Output
Voltage
(OUT1,OUT0)
VOH
IOH = -4mA,
VCC = min
2.4
V
Low-Level Output
Voltage
(OUT1,OUT0)
VOL
IOL = 4mA
0.4
V
High-Level Input
Voltage (CTRL1,
CTRL0)
VIH
2.1
VCC+
0.3V
V
High-Level Input
Voltage (SDA, SCL)
VIH
0.7Vcc
VCC+
0.3V
V
Low-Level Input
Voltage
(CTRL1, CTRL0)
VIL
-0.3V
0.8
V
Low-Level Input
Voltage
(SDA, SCL)
VIL
-0.3V
0.3Vcc
High-Level Input
Current
(CTRL1, CTRL0,
SDA, SCL)
IIH
VIH = VCC =
5.25V
1µA
Low-Level Input
Current
(CTRL1, CTRL0,
SDA, SCL)
IIL
VCC = 5.25V,
VIL= 0
-1
µA
Supply Current
(Active)
ICC
CL = 15pF
(Both Outputs)
(-40
°C to +85°C)
50
mA
10
Standby Current
(Power-Down)
ICCQ
Power-Down
Mode
25
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn