Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1135 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1135
Description  3-in-1 High-Speed Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1135 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1135 Datasheet HTML 1Page - Dallas Semiconductor DS1135 Datasheet HTML 2Page - Dallas Semiconductor DS1135 Datasheet HTML 3Page - Dallas Semiconductor DS1135 Datasheet HTML 4Page - Dallas Semiconductor DS1135 Datasheet HTML 5Page - Dallas Semiconductor DS1135 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS1135
2 of 6
LOGIC DIAGRAM Figure 1
PART NUMBER DELAY TABLE (tPLH , tPHL ) Table 1
TOLERANCE OVER
TEMP AND VOLTAGE
(Note 2)
PART NUMBER
DELAY PER
OUTPUT
(ns)
INITIAL
TOLERANCE
(Note 1)
0°C to +70°C
-40°C to +85°C
DS1135-5
5/5/5
±1.0 ns
±1.0 ns
±1.5 ns
DS1135-6
6/6/6
±1.0 ns
±1.0 ns
±1.5 ns
DS1135-8
8/8/8
±1.0 ns
±1.0 ns
±1.5 ns
DS1135-10
10/10/10
±1.0 ns
±1.0 ns
±1.5 ns
DS1135-12
12/12/12
±1.0 ns
±1.0 ns
±1.5 ns
DS1135-15
15/15/15
±1.0 ns
±1.5 ns
±2 ns
DS1135-20
20/20/20
±1.0 ns
±1.5 ns
±2 ns
DS1135-25
25/25/25
±1.5 ns
±1.5 ns
±2 ns
DS1135-30
30/30/30
±1.5 ns
±1.5 ns
±2 ns
NOTES:
1. Nominal conditions are +25°C and VCC =+5.0 volts.
2. Voltage range of 4.75 volts to 5.25 volts.
3. Delay accuracies are for both leading and trailing edges.
TEST SETUP DESCRIPTION
Figure 2 illustrates the hardware configuration used for measuring the timing parameters of the DS1135.
The input waveform is produced by a precision pulse generator under software control. Time delays are
measured by a time interval counter (20 ps resolution ) connected to the output. The DS1135 output taps
are selected and connected to the interval counter by a VHF switch control unit. All measurements are
fully automated with each instrument controlled by the computer over an IEEE 488 bus.
TIME DELAY
OUT
IN
ONE OF THREE


Similar Part No. - DS1135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1135L DALLAS-DS1135L Datasheet
131Kb / 6P
   3V 3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135L MAXIM-DS1135L Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
logo
Dallas Semiconductor
DS1135LU10 DALLAS-DS1135LU10 Datasheet
131Kb / 6P
   3V 3-in-1 High-Speed Silicon Delay Line
DS1135LU1010 DALLAS-DS1135LU1010 Datasheet
131Kb / 6P
   3V 3-in-1 High-Speed Silicon Delay Line
More results

Similar Description - DS1135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1135L DALLAS-DS1135L Datasheet
131Kb / 6P
   3V 3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135L MAXIM-DS1135L Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
logo
Dallas Semiconductor
DS1044 DALLAS-DS1044 Datasheet
35Kb / 6P
   4-in-1 High-Speed Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com